Electronic Components Datasheet Search
  English  ▼

X  

2002182000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 4Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 5Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 6Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 7Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
Doc. No: 2002182000
Release Date: 07-31-19
UNCONTROLLED COPY
Page 1 of 8
Revision: A
Revision Date: 07-31-19
INSULATION
CRIMP
BRUSH
STRIP
LENGTH
BELL MOUTH
CRIMP HEIGHT
BEND
DOWN
BEND UP
ROLL
CONDUCTOR
CRIMP
TWIST
Application Tooling Specification
FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomic soft grip handles for comfortable crimping
A precision, user-friendly terminal locator wire stop holds terminals in the proper crimping position
Right- and left-handed applications
Dies and locator from this tool can be used in the Battery Powered Tool Order No. 63816-0270
(110 V) or 63816-0280 (220 V), with the use of the 63816-0800 Crimp Head
Many different tool kits can be used with a single Battery Powered Crimp Tool
This tool is RoHS compliant; however, RoHS compliance is not required
Adjustable locator provides optimum adjustment for bell mouth specification
SCOPE
Products: 1.25mm (.049") Pitch PicoBlade Crimp Terminals, 26-32 AWG.
Terminal Series No.
Terminal Order No.
Wire Size
Insulation Diameter
Strip Length
Loose Piece
Reel
AWG
mm²
mm
In.
mm
In.
50061
50061-8100
50061-8000 28-32
—
.67-1.00
.027-.039 1.40-1.91 .055-.075
50080
50080-8100
50080-8000 26-28
—
.67-1.00
.027-.039 1.40-1.91 .055-.075
50125
50125-8100
50125-8000 26-28
—
.67-1.00
.027-.039 1.40-1.91 .055-.075
50133
50133-8100
50133-8000 28-32
—
.67-1.00
.027-.039 1.40-1.91 .055-.075
Customer to cut off terminal from reel: 0.15mm (.006”) maximum Cut-Off Tab.
Crimp terminals to copper stranded wire only.
DEFINITION OF TERMS
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed
in the scope.
Order Number
200218-2000
Type 4D


Similar Part No. - 2002182000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002182000 MOLEX2-2002182000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
2002182000 MOLEX-2002182000 Datasheet
71Kb / 3P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 32-26 AWG
Jun 18, 2025
2002182000 MOLEX-2002182000_V01 Datasheet
71Kb / 3P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 32-26 AWG
Jun 18, 2025
More results

Similar Description - 2002182000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0400 MOLEX-63819-0400 Datasheet
589Kb / 7P
Hand Crimp Tool for 1.25mm (.049) Pitch PicoBlade??Crimp Terminals
07-27-10
63827-1400 MOLEX-63827-1400 Datasheet
624Kb / 7P
Hand Crimp Tool 1.25mm (.049?? Pitch PicoBlade Crimp Terminals
08-15-17
63811-7900 MOLEX-63811-7900 Datasheet
532Kb / 7P
Hand Crimp Tool for 1.25mm (.049?? Pitch Crimp Terminals
06-25-14
ATS-638190300 MOLEX-ATS-638190300 Datasheet
590Kb / 8P
Hand Crimp Tool 1.25mm (.049") Pitch PicoBlade??Crimp Terminals
07-27-10
ATS-638194400 MOLEX-ATS-638194400_V01 Datasheet
558Kb / 7P
Hand Crimp Tool For 1.25mm (049) Pitch Crimp Terminals
09-06-16
63811-0300 MOLEX-63811-0300 Datasheet
139Kb / 5P
Hand Crimp Tool for 1.25mm (.049) Pitch Crimp Terminals
04-14-08
200218-2000 MOLEX-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
200218-6300 MOLEX-200218-6300 Datasheet
1Mb / 9P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
11-19-21
200218-1900 MOLEX-200218-1900 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Receptacle Crimp Terminals
04-30-
200218-2000 MOLEX2-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com