Electronic Components Datasheet Search
  English  ▼

X  

BCC0KTM Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0KTM
Description  Bulk Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0KTM Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0KTM Datasheet HTML 1Page - Balluff Korea Ltd. BCC0KTM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulk Cables
BCC 0000-0000-00-003-VX8434-30X
Order Code: BCC0KTM
Internet
www.balluff.com
eCl@ss 9.1: 27-06-20-11
Subject to change without notice: 268279
ETIM 6.0: EC001578
BCC0KTM_0.32_2022-07-15
1 / 2
1) from cable drum
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PVC gray, 300 m, drag chain
compatible
Cable diameter D
4.80 mm ±0.15 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
0.34 mm²
Number of conductors
4
Electrical data
Cable rated voltage AC max.
300 V
Cable rated voltage DC max.
300 V
Conductor resistance
≤ 57.0 Ohm/km
Isolation resistance
≥ 100 MOhm x km
Environmental conditions
Cable temperature, drag chain
-5...60 °C
Cable temperature, fixed routing
-40...105 °C
Cable temperature, flexible routing
-5...105 °C
Material
Cable jacket, material
PVC
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
gray
Cable length L
300.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m at 5 m/s²
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
2 m at 5 m/s²
Remarks
Cable construction acc. to UL-AWM Style 2517
Flame resistance acc. to IEC 60332-2
Flame resistance FT1/VW-1
Silicone-free


Similar Part No. - BCC0KTM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0KTK BALLUFF-BCC0KTK Datasheet
103Kb / 2P
Double-Ended Cordsets
2024-01-14
BCC0KTL BALLUFF-BCC0KTL Datasheet
99Kb / 2P
Bulk Cables
0.38_2022-07-15
More results

Similar Description - BCC0KTM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AEH BALLUFF-BCC0AEH Datasheet
89Kb / 2P
Bulk Cables
0.45_2022-07-16
BCC0AEK BALLUFF-BCC0AEK Datasheet
90Kb / 2P
Bulk Cables
0.44_2022-07-16
BCC0AEN BALLUFF-BCC0AEN Datasheet
90Kb / 2P
Bulk Cables
0.48_2022-07-16
BCC0AEP BALLUFF-BCC0AEP Datasheet
90Kb / 2P
Bulk Cables
0.43_2022-07-16
BCC0AUJ BALLUFF-BCC0AUJ Datasheet
105Kb / 2P
Bulk Cables
0.52_2022-07-14
BCC0C15 BALLUFF-BCC0C15 Datasheet
88Kb / 1P
Bulk Cables
0.45_2022-07-16
BCC0C1A BALLUFF-BCC0C1A Datasheet
89Kb / 2P
Bulk Cables
0.47_2022-07-16
BCC0C1F BALLUFF-BCC0C1F Datasheet
89Kb / 2P
Bulk Cables
0.47_2022-07-16
BCC0E42 BALLUFF-BCC0E42 Datasheet
89Kb / 2P
Bulk Cables
0.48_2022-07-16
BCC0F9F BALLUFF-BCC0F9F Datasheet
90Kb / 2P
Bulk Cables
0.49_2022-07-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com