Electronic Components Datasheet Search
  English  ▼

X  

BCC0LL9 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0LL9
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LL9 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0LL9 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LL9 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC S415-S425-3L-386-PX85A5-020
Order Code: BCC0LL9
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277190
ETIM 6.0: EC001855
BCC0LL9_1_2021-03-01
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
4 x D
Bending radius min., flexible cable
7.5 x D
Cable
PUR gray, 2 m, drag chain
compatible
Cable diameter D
8.00 mm ±0.20 mm
Cable, bending cycles min.
10 mil.
Conductor cross-section
1.5 mm²
Connection 1
M12x1-Female, Straight, 5-pin, L-
coded
Connection 2
M12x1-Male, angled, 5-pin, L-
coded
Number of conductors
5
System
Molded/Molded
Electrical data
Operating voltage Ub
60 VDC / 50 VAC
Rated current (40 °C)
16.0 A
Environmental conditions
Cable temperature UL max., fixed
routing
80 °C
Cable temperature UL max., flexible
routing
80 °C
Cable temperature, drag chain
-20...60 °C
Cable temperature, fixed routing
-40...90 °C
Cable temperature, flexible routing
-20...80 °C
IP rating
IP65, IP67, IP69K/IP65, IP67,
IP69K
Material
Cable jacket, material
PUR
Material contact carrier
PBT/PBT
Material contacts
Copper alloy, gold plated/Copper
alloy, gold plated
Material cover nut
1.4404 stainless steel/1.4404
stainless steel
Material grip
TPE/TPE
Mechanical data
Acceleration max., drag chain
50 m/s²
Cable jacket, color
gray
Cable length L
2.00 m
Cable properties
drag chain compatible
Tightening torque pigtail
0.6 Nm/0.6 Nm
Traverse speed max., drag chain
5 m/s


Similar Part No. - BCC0LL9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0LL0 BALLUFF-BCC0LL0 Datasheet
100Kb / 2P
Single-Ended Cordsets
1_2021-03-01
BCC0LL1 BALLUFF-BCC0LL1 Datasheet
100Kb / 2P
Single-Ended Cordsets
1_2021-03-01
BCC0LL2 BALLUFF-BCC0LL2 Datasheet
100Kb / 2P
Single-Ended Cordsets
1_2021-03-01
BCC0LL3 BALLUFF-BCC0LL3 Datasheet
109Kb / 2P
Double-Ended Cordsets
2021-03-01
BCC0LL4 BALLUFF-BCC0LL4 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
More results

Similar Description - BCC0LL9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
BCC0LPF BALLUFF-BCC0LPF Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com