Electronic Components Datasheet Search
  English  ▼

X  

BCC0LNF Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0LNF
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LNF Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0LNF Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LNF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC C3C4-C3C4-30-304-YX84A5-050-C009
Order Code: BCC0LNF
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277960
ETIM 6.0: EC001855
BCC0LNF_0.4_2022-07-04
1 / 2
Basic features
Approval/Conformity
CE
Ecolab
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
TPE-V gray, 5 m
Cable diameter D
8.50 mm ±0.3 mm
Conductor cross-section
1.5 mm²
Connection 1
7/8"-Female, angled, 4-pin
Connection 2
7/8"-Male, angled, 4-pin
Number of conductors
4
System
Molded/Molded
Electrical data
Cable rated voltage AC max.
600 V
Cable rated voltage DC max.
600 V
Operating voltage Ub
300 VDC / 300 VAC
Rated current (40 °C)
10.0 A
Environmental conditions
Cable temperature, fixed routing
-50...105 °C
Cable temperature, flexible routing
-25...105 °C
IP rating
IP69K/IP69K
Material
Cable jacket, material
TPE-V
Material contact carrier
PP/PP
Material contacts
Brass/Brass
Material cover nut
1.4404 stainless steel/1.4404
stainless steel
Material grip
PP/PP
Mechanical data
Cable jacket, color
gray
Cable length L
5.00 m
Tightening torque pigtail
1.5 Nm/1.5 Nm
Remarks
Halogen-free per DIN VDE 0472 Part 815
Halogen-free acc. to IEC 60754-1
LABS-free
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.


Similar Part No. - BCC0LNF

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0LN0 BALLUFF-BCC0LN0 Datasheet
99Kb / 2P
Single-Ended Cordsets
0.2_2021-12-17
BCC0LN1 BALLUFF-BCC0LN1 Datasheet
99Kb / 2P
Single-Ended Cordsets
0.2_2021-12-17
BCC0LN2 BALLUFF-BCC0LN2 Datasheet
107Kb / 2P
Double-Ended Cordsets
0.42_2022-08-15
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LN4 BALLUFF-BCC0LN4 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.36_2022-08-01
More results

Similar Description - BCC0LNF

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com