Electronic Components Datasheet Search
  English  ▼

X  

LTO100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LTO100
Description  Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO100 Datasheet(HTML) 3 Page - Vishay Siliconix

  LTO100 Datasheet HTML 1Page - Vishay Siliconix LTO100 Datasheet HTML 2Page - Vishay Siliconix LTO100 Datasheet HTML 3Page - Vishay Siliconix LTO100 Datasheet HTML 4Page - Vishay Siliconix LTO100 Datasheet HTML 5Page - Vishay Siliconix LTO100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LTO 100
www.vishay.com
Vishay Sfernice
Revision: 08-Dec-2021
3
Document Number: 50051
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHOICE OF THE HEATSINK
The user must choose according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 175 °C. The dissipated power is simply calculated by the following ratio:
P:
Expressed in W
ΔT:
Difference between maximum working temperature and room temperature
RTH (j - c):
Thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal resistance of the
component.
RTH (c - h):
Thermal resistance value measured between outer side of the resistor and upper side of the heatsink. This is the thermal resistance
of the interface (grease, thermal pad), and the quality of the fastening device.
RTH (h - a): Thermal resistance of the heatsink.
Example:
RTH (c - h) + RTH (h - a) for LTO 100 power rating 10 W at ambient temperature +25 °C
Thermal resistance RTH (j - c): 1.5 °C/W
Considering equation (1) we have:
ΔT = 175 °C - 25 °C = 150 °C
RTH (j - c) + RTH (c - h) + RTH (h - a) =
=
= 15 °C/W
RTH (c - h) + RTH (h - a) = 15 °C/W - 1.5 °C/W = 13.5 °C/W
with a thermal grease RTH (c - h) = 1 °C/W, we need a heatsink with RTH (h - a) = 12.5 °C/W.
POWER RATING
The temperature of the case should be maintained within the limits specified.
To improve the thermal conductivity, surfaces in contact should be coated with a silicone grease and the torque applied on the
screw for tightening should be around 1 Nm.
OVERLOADS
In any case the applied voltage must be lower than the maximum overload voltage of 750 V.
The values indicated on the graph below are applicable to resistors in air or mounted onto a heatsink.
P =
ΔT
R
TH (j - c)
[]
R
TH (c - h)
[]
R
TH (h - a)
[]
++
-----------------------------------------------------------------------------------
1
()
ΔT
P
-------
150
10
-----------
10
100
1000
10000
0
25
50
75
100
125
0
20406080
100
120
140
160
180
Axis Title
Case Temperature (°C)
175



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com