Electronic Components Datasheet Search
  English  ▼

X  

RCV-ATE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCV-ATE3
Description  High Voltage (Up to 3 kV) Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCV-ATE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCV-ATE3 Datasheet HTML 1Page - Vishay Siliconix RCV-ATE3 Datasheet HTML 2Page - Vishay Siliconix RCV-ATE3 Datasheet HTML 3Page - Vishay Siliconix RCV-ATE3 Datasheet HTML 4Page - Vishay Siliconix RCV-ATE3 Datasheet HTML 5Page - Vishay Siliconix RCV-ATE3 Datasheet HTML 6Page - Vishay Siliconix RCV-ATE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RCV-AT e3
www.vishay.com
Vishay Draloric
Revision: 05-Jul-2022
2
Document Number: 20082
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
RCV2010-AT e3
± 200 ppm/K
± 5 %
100 k
Ω to 100 MΩ
E24
± 100 ppm/K
± 1 %
100 k
Ω to 10 MΩ
E24; E96
RCV2512-AT e3
± 200 ppm/K
± 5 %
100 k
Ω to 100 MΩ
E24
± 100 ppm/K
± 1 %
100 k
Ω to 10 MΩ
E24; E96
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
RCV2010-AT e3
EF = E02
4000
Blister tape according to
IEC 60286-3, type 2a
12 mm
4 mm
Ø 180 mm / 7"
RCV2512-AT e3
EG = E67
2000
12 mm
8 mm
Ø 180 mm / 7"
EH = E82
4000
4 mm
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: RCV2010100KFKEFAT
TYPE / SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
VERSION
RCV2010
RCV2512
K = thousand
M = million
F = ± 1 %
J = ± 5 %
K = ± 100 ppm/K
N = ± 200 ppm/K
EF, EG, EH
AT = automotive
Product Description: RCV2010-AT 100 100K 1 % E02 e3
RCV2010-AT
100
100K
1 %
E02
e3
TYPE / SIZE
TCR
RESISTANCE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
RCV2010-AT
RCV2512-AT
± 100 ppm/K
± 200 ppm/K
100K = 100 k
Ω
1M = 1 M
Ω
100M = 100 M
Ω
± 1 %
± 5 %
E02, E67, E82
e3 = pure tin
termination finish
R
C
V
2
0
1
0
1
0
0
K
F
K
E
F
A
T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com