Electronic Components Datasheet Search
  English  ▼

X  

VR25 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VR25
Description  High Ohmic / High Voltage Metal Glaze Leaded Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25 Datasheet(HTML) 4 Page - Vishay Siliconix

  VR25 Datasheet HTML 1Page - Vishay Siliconix VR25 Datasheet HTML 2Page - Vishay Siliconix VR25 Datasheet HTML 3Page - Vishay Siliconix VR25 Datasheet HTML 4Page - Vishay Siliconix VR25 Datasheet HTML 5Page - Vishay Siliconix VR25 Datasheet HTML 6Page - Vishay Siliconix VR25 Datasheet HTML 7Page - Vishay Siliconix VR25 Datasheet HTML 8Page - Vishay Siliconix VR25 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VR25, VR37, VR68
www.vishay.com
Vishay BCcomponents
Revision: 02-Jun-2022
4
Document Number: 28907
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Derating
Hot-Spot Temperature Rise (
ΔT) as a Function of Dissipated Power
VR25
VR37
VR68
-55
Ambient Temperature in °C
050
70
100
125
155
20
0
40
60
80
100
0
0.10
0.25
0.20
P (W)
35
0
10
20
25
30
ΔT
(K)
0.15
0.05
5
15
0
0.2
0.5
0.4
P (W)
60
0
10
30
40
50
ΔT
(K)
0.3
0.1
20
0
0.4
1.0
0.8
P (W)
70
0
20
40
50
60
ΔT
(K)
0.6
0.2
10
30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com