Electronic Components Datasheet Search
  English  ▼

X  

VR37 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VR37
Description  High Ohmic / High Voltage Metal Glaze Leaded Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR37 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VR37 Datasheet HTML 2Page - Vishay Siliconix VR37 Datasheet HTML 3Page - Vishay Siliconix VR37 Datasheet HTML 4Page - Vishay Siliconix VR37 Datasheet HTML 5Page - Vishay Siliconix VR37 Datasheet HTML 6Page - Vishay Siliconix VR37 Datasheet HTML 7Page - Vishay Siliconix VR37 Datasheet HTML 8Page - Vishay Siliconix VR37 Datasheet HTML 9Page - Vishay Siliconix VR37 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VR25, VR37, VR68
www.vishay.com
Vishay BCcomponents
Revision: 02-Jun-2022
7
Document Number: 28907
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS PROCEDURES AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification
IEC 60068-2-xx, test methods
The table presents only the most important tests, for the full
test schedule refer to the documents listed above. However,
some additional tests and a number of improvements
against those minimum requirements have been included.
The tests are carried out under standard atmospheric
conditions in accordance with IEC 60068-1, 4.3, whereupon
the following values are applied:
Temperature: 15 °C to 35 °C
Relative humidity: 25 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar)
A climatic category LCT/ UCT / 56 is applied, defined by the
lower category temperature (LCT = -55 °C), the upper
category temperature (UCT = 155 °C), and the duration of
exposure in the damp heat, steady state test (56 days). The
components are mounted for testing on printed circuit
boards in accordance with IEC 60115-1, 5.5 unless
otherwise specified.
TESTS PROCEDURES AND REQUIREMENTS
IEC 60115-1
CLAUSE
IEC 60068-2
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE
(
ΔRmax.)
12.1
Insulation resistance
U
max. DC = 500 V during 1 min; V-block method
R
ins min.: 10 000 M
Ω
12.2
Voltage proof
U
RMS = Uins; 60 s
No breakdown or flashover
6.2
Temperature coefficient
At (20 / -55 / 20) °C and (20 / 155 / 20) °C
≤ ± 200 ppm/K
6.6
Current noise
IEC 60195
VR25: max. 5 μV/V
VR37: max. 2.5 μV/V
VR68: max. 2.5 μV/V
8.1
Short term overload
Room temperature; 2.5 x
;
(voltage not more than 2 x limiting voltage);
10 cycles; 5 s ON and 45 s OFF
ΔR max.: ± 2 % R
9.5
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness of
terminations
Tensile, bending, and torsion
No damage
ΔR max.: ± 0.5 % R
11.1
20 (Ta)
Solderability
+235 °C; 2 s; solder bath method; SnPb40
+245 °C; 3 s; solder bath method; SnAg3Cu0.5
(before aging)
Good tinning (
≥ 95 % covered);
no damage
+235 °C; 2 s; solder bath method; SnPb40
+245 °C; 3 s; solder bath method; SnAg3Cu0.5
(after aging)
Good tinning (
≥ 95 % covered);
no damage
11.2
20 (Tb)
Resistance to
soldering heat
Unmounted components
(260 ± 5) °C; (10 ± 1) s
ΔR max.: ± 0.5 % R
10.1
14 (Na)
Rapid change
of temperature
30 min at -55 °C and 30 min at +155 °C;
5 cycles
ΔR max.: ± 0.5 % R
9.9
27 (Ea)
Bump
3 x 1500 bumps in 3 directions; 40 g
No damage
ΔR max.: ± 0.5 % R
9.11
6 (Fc)
Vibration
10 sweep cycles per direction;
10 Hz to 2000 Hz;
1.5 mm or 200 m/s2
No damage
ΔR max.: ± 0.5 % R
10.3
Climatic sequence:
R
ins min.: 1 G
Ω
ΔR max.: ± 1.5 % R
10.3.4.2
2 (Bb)
Dry heat
16 h; 155 °C
10.3.4.3
30 (Db)
Damp heat (accelerated)
1st cycl
24 h; 25 °C to 55 °C;
90 % to 100 % RH
10.3.4.4
1 (Ab)
Cold
2 h; -55 °C
10.3.4.5
13 (M)
Low air pressure
2 h; 8.5 kPa;
15 °C to 35 °C
10.3.4.6
30 (Db)
Damp heat
remaining cyclic
5 days; 55 °C;
95 % to 100 % RH; 5 cycles
10.3.4.7
DC load
Apply rated power for 1 min
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com