Electronic Components Datasheet Search
  English  ▼

X  

WSLP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLP
Description  Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLP Datasheet HTML 1Page - Vishay Siliconix WSLP Datasheet HTML 2Page - Vishay Siliconix WSLP Datasheet HTML 3Page - Vishay Siliconix WSLP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSLP
www.vishay.com
Vishay Dale
Upgrade for Wider Resistance Range to WFM
Revision: 09-Aug-2022
1
Document Number: 30122
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, Very High Power (to 3 W),
Low Value (Down to 0.0005 Ω), Surface-Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Very high power to foot print size ratio (3 W in
2512, 2 W in 2010, 1 W in 1206, 0.5 W in 0805,
and 0.4 W in 0603 package)
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing,
voltage
division
and
pulse
applications
• Proprietary processing technique produces
extremely low resistance values (down to
0.0005
Ω)
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• This datasheet provides information about parts that are RoHS-compliant and / or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details
• Follow link to Overview of Automotive Grade Products for more details: www.vishay.com/doc?49924
• “SMD Current Sense: AEC-Q200 vs. Vishay Qualification” technical note: www.vishay.com/doc?30416
(1) Flame retardance test may not be applicable to some resistor technologies
Notes
• Part marking: value; tolerance: due to resistor size limitations some resistors will be marked with only the resistance value
• “Thermal Management for Surface-Mount Devices” white paper: www.vishay.com/doc?30380
(1) WSLP1206 0.0005
Ω to 0.00099 Ω is only available with 2 % tolerance (G tolerance code)
Notes
• Per PCN-DR-00009-2022-REV-0, WSL marking will be removed effective March 1st, 2023
(1) WSL marking (www.vishay.com/doc?30327); WSL decade values (www.vishay.com/doc?30117)
(2) Packaging code: EB (lead (Pb)-free) and TB (tin / lead) are non-standard packaging codes that designate 1000 piece reel quantities. These
non-standard packaging codes are identical to our standard EA (lead (Pb)-free) and TA (tin / lead), except that they have a package quantity
of 1000 pieces
(3) Follow link for customization capabilities: www.vishay.com/doc?48163
333
DDD3 D
3D Models
Design Tools
Videos
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
RESISTANCE VALUE RANGE (1)
Ω
WEIGHT
(typical)
g/1000 pieces
TOL. ± 0.5 %
TOL. ± 1.0 %
WSLP0603
0603
0.4
0.015 to 0.1
0.01 to 0.1
1.9
WSLP0805
0805
0.5
0.005 to 0.1
0.005 to 0.1
4.8
WSLP1206
1206
1.0
0.005 to 0.05
0.0005 to 0.05
16.2
WSLP2010
2010
2.0
0.004 to 0.03
0.001 to 0.03
38.9
WSLP2512
2512
3.0
0.003 to 0.01
0.0005 to 0.01
63.6
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: WSLP1206R0100FEA (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(8 digits)
RESISTANCE VALUE (1)
(5 digits)
TOLERANCE CODE
(1 digit)
PACKAGING CODE (2)
(2 digits)
SPECIAL (3)
(up to 2 digits)
WSLP0603
WSLP0805
WSLP1206
WSLP2010
WSLP2512
L = mΩ*
R = decimal
4L000 = 0.004 Ω
R0100 = 0.01 Ω
* Use “L” for resistance values < 0.01
Ω
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
EA = lead (Pb)-free, tape / reel
Reserved for
future specials
S
L
P
1
2
0
6
R
0
1
0
0
F
E
A
W


Similar Part No. - WSLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP VISHAY-WSLP Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
WSLP0603R0100FEB VISHAY-WSLP0603R0100FEB Datasheet
98Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
18-Apr-12
WSLP0805 VISHAY-WSLP0805 Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
WSLP0805 VISHAY-WSLP0805 Datasheet
153Kb / 4P
Power Metal Strip® Resistors, Very High Power (1 W), Low Value (Down to 0.005 Ω), Surface Mount
01-Oct-2020
WSLP08054L000DEA VISHAY-WSLP08054L000DEA Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
More results

Similar Description - WSLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL_13 Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL2512R0200FTB VISHAY-WSL2512R0200FTB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL2512R0100FEB VISHAY-WSL2512R0100FEB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSLP12065L000FEA VISHAY-WSLP12065L000FEA Datasheet
98Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
18-Apr-12
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL1206R1000FEA VISHAY-WSL1206R1000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL2010R0200FEB VISHAY-WSL2010R0200FEB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSC0001825R0FEA VISHAY-WSC0001825R0FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com