Electronic Components Datasheet Search
  English  ▼

X  

WSN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSN
Description  Wirewound Resistors, Precision Power, Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSN Datasheet(HTML) 2 Page - Vishay Siliconix

  WSN Datasheet HTML 1Page - Vishay Siliconix WSN Datasheet HTML 2Page - Vishay Siliconix WSN Datasheet HTML 3Page - Vishay Siliconix WSN Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSC, WSN
www.vishay.com
Vishay Dale
Revision: 24-May-2022
2
Document Number: 30102
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) WSC / WSN marking (www.vishay.com/doc?30327)
• Packaging code: EB (lead (Pb)-free) and TB (tin / lead) are non-standard packaging codes designating 1000 piece reels. These non-standard
packaging codes are identical to our standard EA (lead (Pb)-free) and TA (tin / lead), except that they have a package quantity of 1000 pieces
DIMENSIONS in inches (millimeters)
Notes
• 3D models available: www.vishay.com/doc?30328
• Surface mount solder profile recommendations: www.vishay.com/doc?31052
• Refer to WSC, WSN conversion guide for detailed construction drawings: www.vishay.com/doc?49616
• For WSC2515 0.5 % tolerance parts, W1 terminal dimension will be 0.090" ± 0.015"
TEMPERATURE RISE
DERATING
Note
(1) As of 1/1/2010, WSC0002 will be molded with thermoplastic and
have the higher 275 °C temperature derating
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: WSC2515R7000FEA (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
SIZE
VALUE (1)
TOLERANCE
PACKAGING
SPECIAL
WSC
WSN
01/2
2515
0002
4527
6927
R = decimal
K = thousand
R7000 = 0.70
Ω
1K500 = 1.5 k
Ω
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10 %
EA = lead (Pb)-free, tape / reel
EK = lead (Pb)-free, bulk
TA = tin / lead, tape / reel (R86)
BA = tin / lead, bulk (B43)
(dash number)
(up to 2 digits)
from 1 to 99
as applicable
GLOBAL
MODEL
DIMENSIONS
SOLDER PAD DIMENSIONS
L
H
T
W
W1
ab
L
WSC01/2
0.200 ± 0.020
(5.08 ± 0.508)
0.096 ± 0.015
(2.44 ± 0.381)
0.040 ± 0.010
(1.02 ± 0.254)
0.125 ± 0.005
(3.18 ± 0.127)
0.050 ± 0.010
(1.27 ± 0.254)
0.085 (2.16)
0.070 (1.78)
0.080 (2.03)
WSC2515
0.250 ± 0.020
(6.35 ± 0.508)
0.110 ± 0.015
(2.79 ± 0.381)
0.045 ± 0.010
(1.14 ± 0.254)
0.150 ± 0.005
(3.81 ± 0.127)
0.098 ± 0.010
(2.49 ± 0.254)
0.090 (2.29)
0.115 (2.92)
0.120 (3.05)
WSC0002
0.455 ± 0.020
(11.56 ± 0.508)
0.167 ± 0.010
(4.24 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.005
(5.46 ± 0.127)
0.155 (3.94)
0.230 (5.84)
0.205 (5.21)
WSC4527
0.455 ± 0.020
(11.56 ± 0.508)
0.167 ± 0.010
(4.24 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.005
(5.46 ± 0.127)
0.155 (3.94)
0.230 (5.84)
0.205 (5.21)
WSC6927
0.690 ± 0.032
(17.53 ± 0.813)
0.280 ± 0.015
(7.11 ± 0.381)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.015
(5.46 ± 0.381)
0.155 (3.94)
0.235 (5.97)
0.470 (11.94)
W
L
T
W
1
H
L
a
b
0
0.5
1.0
1.5
2.0
2.5
3.0
Power in W
200
150
100
50
0
WSC2515
WSC01/2
WSC6927
WSC0002
WSC4527
- 65
- 25
25
75
125
175
225
275
Ambient Temperature in °C
120
100
80
60
40
20
0
70
WSC01/2
WSC0002 (1)
WSC2515
WSC4527
WSC6927
251
5
R
7
00
0
F
E
A
SC
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com