Electronic Components Datasheet Search
  English  ▼

X  

COM-14965 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14965
Description  SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14965 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14965 Datasheet HTML 1Page - SparkFun Electronics COM-14965 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
COM-14965
This is the three inch version of the SparkFun LuMini LED Ring, packed with 60 individually
addressable LEDs, each capable of producing 16 million colors, it provides you with a lot of color for
just about any reason! LuMini is a miniaturized version of our Lumenati LED line but instead of
utilizing 5mm by 5mm APA102 LEDs (APA102-5050), LuMini uses a 2mm by 2mm package
(APA102-2020). This allows for incredibly tight pixel densities, and thus, a more continuous ring of
color for you to use!
The LuMini LED Ring is powered and controlled using a few solder pads on the back of each board.
These pads include 5V and ground, a set of pads for data and clock input, and another set for data
and clock output. Since the ring acts like a string of LEDs, you’ll find multiple numbers silked onto
the back of the board that correspond to the LED number in the above. The last handy feature we’ve
equipped the LuMini LED Ring with is eight detachable mounting points (four inside the ring and four
outside) that can be used to secure your ring to a surface/project or be broken off to make more
complex designs.
Note: In larger installations you may need to add a decoupling capacitor between power and ground
to prevent voltage dips when turning on a whole bunch of LED’s simultaneously. We recommend
using a 4.7µF capacitor which we sell in strips of 10.
FEATURES
3in Diameter
60x APA102-2020 LEDs
8x Detachable Mounting Points
Optional Capacitor Space
Daisy-Chainable


Similar Part No. - COM-14965

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
More results

Similar Description - COM-14965

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC120 BEL-MBC120 Datasheet
731Kb / 5P
3 x 2 Inch Footprint
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
5 x 3 x 1.5 inch form factor
logo
SparkFun Electronics
KIT-15418 SPARKFUN-KIT-15418 Datasheet
122Kb / 1P
SparkFun LED Starter Kit
12??2??9
TOL-15295 SPARKFUN-TOL-15295 Datasheet
95Kb / 1P
SparkFun PCB Ruler - 12 Inch
4??7??9
logo
Quelighting Corp
QLSP20XXEU-309 QUELIGHTING-QLSP20XXEU-309 Datasheet
1,021Kb / 16P
High Power 2020 LED
1.0 06-16-2021
logo
SparkFun Electronics
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
COM-15047 SPARKFUN-COM-15047 Datasheet
220Kb / 3P
SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
2-6-19
logo
American Bright OPTOELE...
BB-2020BGR-TRB AMERICANBRIGHT-BB-2020BGR-TRB Datasheet
1Mb / 9P
Addressable, Dimmable, 2020 RGB LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com