Electronic Components Datasheet Search
  English  ▼

X  

COM-15047 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-15047
Description  SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-15047 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-15047 Datasheet HTML 1Page - SparkFun Electronics COM-15047 Datasheet HTML 2Page - SparkFun Electronics COM-15047 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
COM-15047
DESCRIPTIO N
This is the 8x8 SparkFun LuMini LED Matrix, packed with 64 individually addressable LEDs, each
capable of producing 16 million colors, it provides you with a great way to add a square of light to
just about anything, or even make a screen of a custom shape! LuMini is a miniaturized version of
our Lumenati LED line but instead of utilizing 5mm by 5mm APA102 LEDs (APA102-5050), LuMini
uses a 2mm by 2mm package (APA102-2020). This allows for incredibly tight pixel densities, and
thus, a screen with less pixelation!
The LuMini LED Matrix is powered and controlled using a few solder pads on the back of each
board. These pads include 5V and ground, a set of pads for data in and clock input, and another set
for data out and clock output. Since the matrix acts like a string of LEDs, the indexing (or numbering)
of the LEDs moves from left to right, bottom to top of the board, on the LED facing side. The last
handy feature we’ve equipped the LuMini LED Matrix with is four detachable mounting points that
can be used to secure your ring to a surface/project or be broken off to make more complex designs.
However if you want to break off the mounting holes from the board, multiple matrices can be
soldered together to form a larger display!


Similar Part No. - COM-15047

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-15133 SPARKFUN-COM-15133 Datasheet
115Kb / 2P
Stomp Switch
1????9
COM-15337 SPARKFUN-COM-15337 Datasheet
112Kb / 2P
TRRS Audio Plug - 3.5mm (Metal)
7??2??9
COM-15422 SPARKFUN-COM-15422 Datasheet
182Kb / 2P
Fiber Optic Fabric - Black (30x30cm)
7??12??9
COM-15438 SPARKFUN-COM-15438 Datasheet
99Kb / 2P
TRS Audio Plug - 3.5mm (Metal)
7??2??9
More results

Similar Description - COM-15047

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
2.00 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
1.90 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
1.90 inch 8x8 Dot Matrix LED Display
logo
JFW Industries, Inc.
50MS-288 JFW-50MS-288 Datasheet
65Kb / 1P
8x8 MATRIX SWITCH
50MS-300 JFW-50MS-300 Datasheet
65Kb / 1P
8x8 MATRIX SWITCH
logo
List of Unclassifed Man...
1088AS ETC-1088AS Datasheet
174Kb / 1P
LED 8x8 matrix 3mm 1088AS
logo
SparkFun Electronics
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com