Electronic Components Datasheet Search
  English  ▼

X  

TSV631ILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV631ILT
Description  Training kit for operational amplifiers and comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV631ILT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV631ILT Datasheet HTML 1Page - STMicroelectronics TSV631ILT Datasheet HTML 2Page - STMicroelectronics TSV631ILT Datasheet HTML 3Page - STMicroelectronics TSV631ILT Datasheet HTML 4Page - STMicroelectronics TSV631ILT Datasheet HTML 5Page - STMicroelectronics TSV631ILT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Schematics and applications based on operational amplifiers and comparators:
–
Follower, inverter, noninverter
–
Filters
–
Low-side current sensing
–
Photodiode transimpedance amplification
•
Low cost to high-performance low-voltage operational amplifiers:
–
Rail-to-rail
–
High bandwidth
–
Low offset
–
High output current
–
Low-power
Description
The STEVAL-CCA058V1 training kit is intended for hands-on training on operational
amplifiers and comparator-based analog circuits.
You can use the kit in an academic context for students' training, as well as for
professionals' training: junior analog engineers, distributors, and customers. It is
also useful for a fast evaluation and prototyping of low frequency op amp-based
applications.
The STEVAL-CCA058V1 consists of a configurable board, which features the most
widely used op-amp-based schematics and applications, and ST op-amps mounted
on DIP adaptors.
It should be used with a set of through passive components (resistors and
capacitors), and a set of lab instruments (power supply, function generator,
multimeter, and oscilloscope).
The kit allows the trainee to experiment the most common op-amp-based
schematics. It also allows learning how to choose the most suited op-amp for a
custom application. You can find the detailed documentation on guided experiments
at www.st.com.
Product summary
Training kit for
operational
amplifiers
STEVAL-CCA058V1
Amplifiers
TS921IDT/
TSC210ICT/
TSU101ILT/
TSV631ILT/
TSV7721ILT/
TSV791ILT/
TSV991ILT/
TSZ121ILT/
UA741CDT
Comparators
TS881ILT/
TSX3702IST/
TSX393IST
Applications
Process and
Environment
Monitoring
Training kit for operational amplifiers and comparators
STEVAL-CCA058V1
Data brief
DB4654 - Rev 1 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSV631ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV631ILT STMICROELECTRONICS-TSV631ILT Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
More results

Similar Description - TSV631ILT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
LM613 TI1-LM613 Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
logo
Rosenberger Hochfrequen...
99M007-000 ROSENBERGER-99M007-000 Datasheet
87Kb / 1P
Training Kit
logo
Good Will Instrument Co...
GDB-02 GWINSTEK-GDB-02 Datasheet
184Kb / 1P
OSCILLOSCOPE EDUCATION AND TRAINING KIT
GDB-03 GWINSTEK-GDB-03 Datasheet
1Mb / 1P
Oscilloscope Education And Training Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com