Electronic Components Datasheet Search
  English  ▼

X  

BMLPV5000 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # BMLPV5000
Description  5G NR (FR1), Wi-Fi6e Low Profile Vertical Antenna Cellular, Wi-Fi, Bluetooth®, & BLE Antennas – Low Profile Whipless
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

BMLPV5000 Datasheet(HTML) 3 Page - PCTEL, Inc.

  BMLPV5000 Datasheet HTML 1Page - PCTEL, Inc. BMLPV5000 Datasheet HTML 2Page - PCTEL, Inc. BMLPV5000 Datasheet HTML 3Page - PCTEL, Inc. BMLPV5000 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5G NR (FR1), Wi-Fi6e Low Profile
Vertical Antenna
Cellular, Wi-Fi, Bluetooth®, & BLE Antennas – Low Profile Whipless
3
SPECIFICATIONS
> pctel.com/antenna-products
Electrical Specifications – All frequencies
Frequency Ranges
Max. Gain1
Maximum Power
Polarization Nominal Impedance VSWR1
Average Efficiency
618 - 960 MHz
2.6 dBi
150 watts
Vertical, linear
50 ohms
< 2.0
60%
1427 - 1518 MHz
-0.2 dBi
< 2.5
30%
710 - 2170 MHz
1.0 dBi
< 2.5
46%
2300 - 2700 MHz
1.6 dBi
< 3.0
61%
3300 - 4200 MHz
2.3 dBi
< 1.5
31%
4400 - 5000 MHz
1.2 dBi
< 3.0
26%
4900 - 5985 MHz
3.1 dBi
< 2.5
40%
5925 - 7125 MHz
9.6 dBi
< 2.5
68%
Model
Dimensions
Weight (Mass)
Temperature Range
Ingress Protection2
Housing Color
BMLPV5000
2.36" x 1.73" (60 x 44 mm)
0.29 lbs (0.13 kg)
-40°F to +158°F
(-40°C to +70°C)
IP673
Black
BMLPV5000-VP
0.1 lbs (50 g)
0.31 lbs (0.14 kg)
Mechanical and Environmental Specifications
1
Measured on a 1x1 ft ground plane, when installed on GMLFML195 high frequency magnetic mount with 12-ft Pro-Flex Plus 195 cable. Gain is
ground plane dependent. 2When installed per PCTEL installation instructions on a roof top surface.
Standard Configurations
Model
Cable
Connector1
Mount
Housing Color
BMLPV5000
Pro-Flex™ Plus 195 or PFP240
high frequency cables are
recommended with this antenna.
Cable assemblies or mount/cable
assemblies are sold separately.
Various connector
options are offered with
PCTEL high frequency
mounts (sold separately)
For optimal performance, use higher
frequency rated mounts (e.g. MLFML195C or
GMLFML195C). Mounts sold separately.
Black
BMLPV5000-VP
N Female
Built-in N connector accommodates surfaces
up to 1/2-in thick
Black



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com