Electronic Components Datasheet Search
  English  ▼

X  

GLHPDM3-SF Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # GLHPDM3-SF
Description  GNSS Multi-Band Antennas, 5G & 4G Dual LTE with 802.11ac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

GLHPDM3-SF Datasheet(HTML) 2 Page - PCTEL, Inc.

  GLHPDM3-SF Datasheet HTML 1Page - PCTEL, Inc. GLHPDM3-SF Datasheet HTML 2Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
GLHPDLTE-SF Series
Multi-Band LTE MIMO & 802.11ac Antennas
with High Rejection GPS/GLONASS
MECHANICAL SPECIFICATIONS AND ENVIRONMENTAL SPECIFICATIONS (ALL MODELS)
Dimensions
Weight
Housing Material*****
Temperature
Range
Gasket Design & Construction
5.38 x 3.53 in
(136.5 x 89.7 mm)
3 lbs
(1.4 kg) - 5 ports
2.6 lbs (0.9 kg) - 3 ports
White or Black, UV-Stable
Rugged Thermoplastics
-40°C to +85°C
Contour matching, conformable, thermoplastic-
elastomer gasket designed to seal between
radome and baseplate. Gasket flexes and
conforms to contoured surfaces. Baseplate has a
3M™ VHB mounting pad for anti-rotation.
ELECTRICAL SPECIFICATIONS - GNSS ANTENNA
Frequency Band
Amplifier Gain
Output VSWR
DC Current
DC Voltage
Noise
Figure
Out-of-Band Rejection
1565-1608 MHz
@ 3.0 VDC: 26 dB
(typical)
2.0:1 (maximum)
25 mA
(typical)
2.8-6.0 V (operating)
≤ 12.0 V (survivability)
< 2.0 dB
(typical)
f0 = 1586 MHz
f0 ± 50 MHz: ≥ 60 dBc
f0 ± 60 MHz: ≥ 70 dBc
ISOLATION SPECIFICATIONS
Minimum Isolation (dB)
(measured with 17-ft of cable and 2-ft ground plane)
Elements
LTE Primary (1&2)
Wi-Fi
LTE 1&2
617-960MHz
1.71-2.7GHz
3.3-5.9 GHz
9
15
32
617-960MHz
1.71-2.7GHz
3.3-5.9 GHz
20.0
17.0
35.0
Wi-Fi
2.4-2.5GHz
4.9-5.9GHz
25.0
32.0
ELECTRICAL SPECIFICATIONS - GNSS ANTENNA
Frequency Band
Nominal Gain
Polarization
Nominal Impedance
1565-1608 MHz
3 dBic @ 90°
-2 dBic @ 20°
Right hand circular
50 ohms
Coach™ - Permanent Mount
3M is a trademark of 3M Company.
**** For black radome option, add a “B” prefix in front of the part number (eg. BGLPHDLTE-SF)
RoHS
COMPLIANT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com