Electronic Components Datasheet Search
  English  ▼

X  

MWV Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # MWV
Description  VHF and UHF Wideband Antennas - No Tune
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MWV Datasheet(HTML) 1 Page - PCTEL, Inc.

  MWV Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
MWV, MWU Series
* This model can be ordered in all black finish. To indicate all black option, add prefix “B” to part number. Example, BMWV1365S.
These PCTEL antennas address equipment inter-operability challenges by providing
superior bandwidth coverage without sacrificing antenna performance. Their no tune
wideband design eliminates the need to install multiple antennas to cover various
VHF or UHF frequency bands, thus reducing installation costs and complexity and
improving overall coverage of the desired frequencies.
Features
• Wideband, no tune design for seamless operation and installation ease across
multiple frequency bands
• Rugged stainless steel spring and wideband tube assembly for maximum durability
and shock absorption
• Thick-wall housing, double-sealed for maximum weatherproofing
• Mates with all 1-1/8” -18 thread mounts, including 3/4” mounts
VHF and UHF Wideband Antennas - No Tune
MWV1365S
MWU4002S
ELECTRICAL SPECIFICATIONS
Model
Frequency
Range
Gain
VSWR
Maximum
Power
Nominal
Impedance
(B)MWV1365S*
136-174 MHz
Unity
< 2.0:1
160 watts
50 ohms
(B)MWU4002S*
380-520 MHz
2.0 dB with a ground plane. Unity without a ground plane
< 2.0:1
200 watts
50 ohms
MWU4505S
440-480 MHz
4.5 dB
< 2.0:1
200 watts
50 ohms
MWU4063S
406-470 MHz
3.0 dB
< 2.0:1
200 watts
50 ohms
MWU5002S
567-657 MHz
2.0 dB
< 2.0:1
200 watts
50 ohms
STANDARD CONFIGURATION
Model
Recommended Mounts (Sold Separately)
(B)MWV1365S*
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
(B)MWU4002S*
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
MWU4505S
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
MWU4063S
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
MWU5002S
Mates with 1-1/8” -18 thread mounts, including 3/4” mounts
Base Loaded - Wideband No Tune VHF & UHF Antennas
MECHANICAL SPECIFICATIONS
Model
Approximate Whip Length at
Lowest Frequency
Temperature Range
Radiator
Housing Material
Spring Material
(B)MWV1365S*
20”
-40°C to +85°C
17-7 PH SST
Black UV-Stable Polymer
SST
(B)MWU4002S*
12”
-40°C to +85°C
17-7 PH SST
Black UV-Stable Polymer
SST
MWU4505S
32”
-40°C to +85°C
17-7 PH SST
Black UV-Stable Polymer
SST
MWU4063S
12”
-40°C to +85°C
17-7 PH SST
Black UV-Stable Polymer
SST
MWU5002S
Less than 9”
-40°C to +85°C
17-7 PH SST
Black UV-Stable Polymer
SST
RoHS
COMPLIANT
17


Similar Description - MWV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2644 TOSHIBA-2SC2644 Datasheet
205Kb / 3P
TRANSISTOR (VHF~UHF BAND WIDEBAND AMPLIFIER APPLICATIONS)
09-May-1997
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
logo
Microsemi Corporation
2N4440 MICROSEMI-2N4440 Datasheet
444Kb / 4P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1462 MICROSEMI-SD1462 Datasheet
336Kb / 3P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1468 MICROSEMI-SD1468 Datasheet
386Kb / 3P
RF AND MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
logo
Toshiba Semiconductor
RFM01U7P TOSHIBA-RFM01U7P Datasheet
167Kb / 5P
VHF- and UHF-band Amplifier Applications
RFM12U7X TOSHIBA-RFM12U7X Datasheet
182Kb / 5P
VHF- and UHF-band Amplifier Applications
logo
New Jersey Semi-Conduct...
SD1462 NJSEMI-SD1462 Datasheet
92Kb / 2P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com