Electronic Components Datasheet Search
  English  ▼

X  

3938D Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # 3938D
Description  3938D Ultra-Compact 2.4 GHz Covert Mount Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

3938D Datasheet(HTML) 1 Page - PCTEL, Inc.

  3938D Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
3938D
Low-Profile Antennas - Covert Dash Mount, Wi-Fi
The 3938D ultra-compact 2.4 GHz Covert Mount Antenna provides exceptional signal
reception on the 2.4 GHz ISM band. The 3938D is composed of an ultra-compact semi-
flexible coated PCB for covert applications. Ideal for telematics and M2M platforms
Features
•
2.4 GHz ISM Band reception
•
Ultra-compact, semi-flexible PCB
•
Coated PCB or packaged form factor
•
Dash mount
•
Easy to install
•
Side exit cable
3938D Ultra-Compact 2.4 GHz Covert Mount Antenna
3938D
ELECTRICAL SPECIFICATIONS
Frequency Range
Gain
Maximum Power
VSWR
Polarization
Nominal Impedance
2.4-2.5 GHz
2 dBi
10 Watts
≤ 2.0:1
Vertical, linear
50 ohms
STANDARD CONFIGURATION
Model
Cable
Connector
Mount
3938D
6” (15 cm) RG-174
MCX Right Angle
Dash mount
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Housing Material
Temperature Range
2.17 L x 0.67 W x 0.025 H in (55.1 x 17.0 x .64 mm)
Black solder masked PCB
-40°C to +85°C
RoHS
COMPLIANT


Similar Part No. - 3938D

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3938 ADAFRUIT-3938 Datasheet
786Kb / 3P
Adafruit NeoTrellis M4 Mainboard - featuring SAMD51
logo
Molex Electronics Ltd.
39380-0102 MOLEX-39380-0102 Datasheet
256Kb / 2P
6.35 and 9.52mm (.250 and .375?? Pitch Beau짰 Eurostyle짰 Terminal Blocks
39380-0102 MOLEX11-39380-0102 Datasheet
38Kb / 1P
6.35mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block
39380-0103 MOLEX-39380-0103 Datasheet
256Kb / 2P
6.35 and 9.52mm (.250 and .375?? Pitch Beau짰 Eurostyle짰 Terminal Blocks
39380-0103 MOLEX11-39380-0103 Datasheet
38Kb / 1P
6.35mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block
More results

Similar Description - 3938D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
FGYAGI05 ETC2-FGYAGI05 Datasheet
376Kb / 6P
2.4 GHz YAGI Pole Mount Grid Antenna
logo
Laird Tech Smart Techno...
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
2.4 GHz MicroSphere Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
2.4 GHz WiFi Antenna
logo
Taoglas antenna solutio...
SWLP2450104A02 TAOGLAS-SWLP2450104A02 Datasheet
1Mb / 17P
10mm Surface Mount 2.4 GHz Patch Antenna
logo
Linx Technologies
ANT-2.4-LPW-125 LINX-ANT-2.4-LPW-125 Datasheet
1Mb / 12P
2.4 GHz Panel-Mount Dipole Antenna
2020
logo
Maxtena Inc.
MEA-2400-MM MAXTENA-MEA-2400-MM Datasheet
1Mb / 3P
2.4 GHz ISM Magnetic Mount antenna
REV A
logo
AUREL S.p.A.
650201098G AUREL-650201098G Datasheet
114Kb / 1P
COMPACT & BENDING FOR TX/RX 2.4 GHz SYSTEMS Compact and bending 2.4 GHz antenna
Page 1 of 1 - Rev. A/2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com