Electronic Components Datasheet Search
  English  ▼

X  

UMPC Datasheet(PDF) 1 Page - Samtec, Inc

Part # UMPC
Description  ULTRA MICRO POWER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

UMPC Datasheet(HTML) 1 Page - Samtec, Inc

  UMPC Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IMPC
- NO.OFPOSITIONS - LATCH
OPTION
–02, –03, –04, –05,
–06, –07, –08, –09, –10
–P
= Plastic
top latch
–M
= Metal
side latches
CC489
- 01 - PLATING - PACKAGING
–L
= 10 µ" (0.25 µm) Gold
on contact, Tin on tail
–S
= 30 µ" (0.76 µm) Gold
on contact, Tin on tail
–T
= Tin
–R
= Contact,
Full Reel
–M
= Contact,
Mini Reel
–B
= Bubble Bag
(35 Parts)
View complete specifications at:
samtec.com?UMPC & samtec.com?UMPCT
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
View complete specifications at:
samtec.com?IMPC & samtec.com?CC489
ULTRA MICRO POWER CABLE
SERIES
- NO.OF
POSITIONS
- PLATING
OPTION
- WIRE
GAUGE
- LATCH
OPTION
- LENGTH - PINOUT
UMPC
= Ultra Micro
PVC Cable
UMPCT
= Ultra Micro
Blue *Teflon®
Cable
–02, –03, –04,
–05, –06,–07,
–08, –09, –10
–L
= 10 µ" (0.25 µm)
Gold on contact,
Tin on tail
–S
= 30 µ" (0.76 µm)
Gold on contact,
Tin on tail
–T
= Tin
-16
= 16 AWG
-16C
=Color Coded Cable
(UMPC only)
-18
= 18 AWG
- 18C
= Color Coded Cable
(UMPC only)
(Latching
required)
–P
= Plastic
top latch
–M
= Metal
side latches
–“XX.X”
= Assembled
Length in Inches
Single ended =
(76.2 mm) 03.0" min.
Double ended =
(101.6 mm) 04.0" min.
(2-4 positions)
Double ended =
(127.0 mm) 05.0" min.
(5-10 positions)
(Leave blank
for Single
ended)
–1
= Pin 01
to Pin 01
–2
= Pin 01
to Pin N
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
SPECIFICATIONS
UMPC(T)
Board Mates:
UMPT
(Plastic (-P) or metal (-M)
latch required)
Insulator Material:
Black LCP
Contact Material:
Copper Alloy
Plating:
Sn or Au over
50 µ" (1.27 µm) Ni
Wire:
16 or 18 AWG
Voltage Rating:
300V PVC
UMPC/UMPT
(TIN PLATING)
PINS
CURRENT RATING
(PER CONTACT)
1
16.8 A
2
14.6 A
3
12.6 A
4
11.6 A
10
8.8 A
–P
–M
TOOLING
Hand Tool: CAT-HT-489-1618-13
Mini Applicator: CAT-MC-489-1618-XX-01
UMPC CABLE HOLDER
(Required for use with IMPC)
SERIES
NUMBER OF
POSITIONS
LEAD STYLE
IMPCC
–02, –03, –04,
–05, –06, –07,
–08, –09, –10
01= 16 AWG
02 = 18 AWG
(19.50)
.768
No. of positions x
(2.00) .0787
+ (8.85) .348
No. of positions x
(2.00) .0787
+ (10.55) .415
(22.61)
.890
Assembled Length
(23.50) .925
(6.20)
.244
(9.50)
.374
(23.48) .924
No. of positions x
(2.00) .0787
+ (8.85) .348
No. of
positions x
(2.00) .0787 +
(11.38) .448
UMPC–03–X–XX–P–XX.X SHOWN
*DuPont™ Teflon® is a
registered trademark of the
E.I. du Pont de Nemours and
Company or its affiliates.
Note:
For wiring option information
refer to drawings on web.
CABLE
COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
BLUE
7
VIOLET
8
GRAY
9
WHITE
10
BLACK
UMPCT
PRELIMINAR
Y
Assembled Length
(23.50) .925
(6.20)
.244
(9.50)
.374
(23.48) .924
No. of positions x
(2.00) .0787
+ (8.85) .348
No. of
positions x
(2.00) .0787 +
(11.38) .448
UMPC–04–X–XX–M–XX.X SHOWN
F-221 (Rev 05APR22)
samtec.com/mPOWER


Similar Part No. - UMPC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
關MP Series
logo
Mean Well Enterprises C...
UMP-400 MEANWELL-UMP-400 Datasheet
2Mb / 6P
400W Flexible Configurable Fanless Power
UMP-400-24 MEANWELL-UMP-400-24 Datasheet
2Mb / 6P
400W Flexible Configurable Fanless Power
UMP-400-48 MEANWELL-UMP-400-48 Datasheet
2Mb / 6P
400W Flexible Configurable Fanless Power
logo
Nichicon corporation
UMP0J100MDD NICHICON-UMP0J100MDD Datasheet
36Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UMPC

ManufacturerPart #DatasheetDescription
logo
NEC
MRSS31U NEC-MRSS31U Datasheet
31Kb / 3P
Micro power Built-in IC ultra-minimum MR sensor
MRSS22L-E NEC-MRSS22L-E Datasheet
32Kb / 3P
Micro power Built-in IC ultra-minimum MR sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH4913 FOSLINK-FSH4913 Datasheet
246Kb / 10P
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
FSH4917 FOSLINK-FSH4917 Datasheet
217Kb / 9P
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
logo
Fairchild Semiconductor
FHR1200 FAIRCHILD-FHR1200 Datasheet
369Kb / 11P
Micro-Power, Ultra Wide Voltage Regulator
logo
Texas Instruments
LMH1218 TI1-LMH1218 Datasheet
2Mb / 57P
Low Power Ultra HD Cable Driver
logo
Maxim Integrated Produc...
MAX22192 MAXIM-MAX22192 Datasheet
4Mb / 29P
Micro-USB Cable
Rev 1; 3/19
logo
Coolgear Inc.
2112-1126 COOLGEAR-2112-1126 Datasheet
778Kb / 1P
Micro USB3.0 CABLE
Rev B
51220167 COOLGEAR-51220167 Datasheet
677Kb / 1P
MICRO USB3.0 CABLE
Rev A
logo
Times Microwave Systems...
TF-047 TIMES-TF-047 Datasheet
858Kb / 2P
Micro-Coaxial Cable
Rev. 1: Feb. 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com