Electronic Components Datasheet Search
  English  ▼

X  

USB4715 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB4715
Description  Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4715 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB4715 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB4715 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB4715 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4715 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6.69+0.045
-0.055
9.94
7.30
8.94
11.60
1.00
3.04
5.50
2x 0.80
2x 0.76
2x 0.70
11.60
8.34+0.06
-0.02
1.90
5.50
3.04
1.00
2x 0.60
2x 0.56
2x 0.50
9.99
3.10
6.80
8.20
3.00
10.30
4x 0.50
0.10
A12
A9
A5
B12 B9
B5
10.54
10.54
A5
A9
A12
B12
B9
B5
Recommended PCB Layout
Thickness 0.80±0.10mm
Tolerance: ±0.05mm
Component Outline
Solder Area
Pin
Signal
Mating
Sequence
A5
CC1
Second
A9
VBUS
First
A12
GND
First
B5
CC2
Second
B9
VBUS
First
B12
GND
First
SHELL
GND
Specifications
Material
Insulator: High Temp. Plastic, UL 94V-0, Black
Contact: Copper Alloy
Shell: Stainless Steel
Shielding Plate: Stainless Steel
Gasket: Silicon
Plating
Contact
Contact Area: Gold Flash
Solder Tails: Tin over Nickel
Shell: Nickel
Shielding Plate: Nickel
Electrical
Current Rating:
3.00A collectively for VBUS pins
4.25A collectively for GND pins
1.25A for A5/B5 pin
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -30°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
Ingress Protection Rating: IP67
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/4
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67,
For Power Charging Only, 6 Pin
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4715
A
4th July 2022
04/07/22
www.gct.co
4x 0.90
A12
A9
A5
B12 B9
B5
Ordering Grid
Request Samples
and Quotation
USB4715
A
Packing Options
A = Tape & Reel (700 per reel)
GF
Contact Plating
GF = Gold Flash
9.94


Similar Part No. - USB4715

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB4715 MICROCHIP-USB4715 Datasheet
2Mb / 47P
USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
logo
Global Connector Techno...
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
logo
Microchip Technology
USB4715-I/Y9X MICROCHIP-USB4715-I/Y9X Datasheet
2Mb / 47P
USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
USB4715/Y9X MICROCHIP-USB4715/Y9X Datasheet
2Mb / 47P
USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
USB4715T-I/Y9XVXX MICROCHIP-USB4715T-I/Y9XVXX Datasheet
2Mb / 47P
USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
More results

Similar Description - USB4715

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4525 GCT-USB4525 Datasheet
180Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
08/07/22
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB4125 GCT-USB4125 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
28th September 2020
USB4130 GCT-USB4130 Datasheet
175Kb / 2P
USB Type C Receptacle, Vertical, SMT, For Power charging only
26th November 2020
USB4135 GCT-USB4135 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
21st January 2022
USB4140 GCT-USB4140 Datasheet
230Kb / 4P
USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
25th February 2022
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
USB4515 GCT-USB4515 Datasheet
166Kb / 2P
USB Type C Receptacle, SMT Type, Mid Mount, 1.6mm Offset, For Power Charging Only
1st July 2021
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
USB4180 GCT-USB4180 Datasheet
164Kb / 3P
Type C Plug, Vertical, SMT, For Power Charging Only 6 Pin, Without Latches
24th March 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com