Electronic Components Datasheet Search
  English  ▼

X  

LTR100JZPJS1R0 Datasheet(PDF) 2 Page - Rohm

Part # LTR100JZPJS1R0
Description  High power thick film shunt resistors terminal type>
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR100JZPJS1R0 Datasheet(HTML) 2 Page - Rohm

  LTR100JZPJS1R0 Datasheet HTML 1Page - Rohm LTR100JZPJS1R0 Datasheet HTML 2Page - Rohm LTR100JZPJS1R0 Datasheet HTML 3Page - Rohm LTR100JZPJS1R0 Datasheet HTML 4Page - Rohm LTR100JZPJS1R0 Datasheet HTML 5Page - Rohm LTR100JZPJS1R0 Datasheet HTML 6Page - Rohm LTR100JZPJS1R0 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LTR series ・
・ LHR series (low TCR) -low ohmic-
Datasheet
●Chip resistor dimensions and markings
■ LHR18
■ LTR10
■ LTR18
LTR100
LTR100L
■ LTR50
<Marking method>
There are four digits used for the calculation
number according to IEC code.“L” means
decimal point of mΩ unit in case resistance
value is 0.01Ω or less.“R” means decimal point
of Ω unit in case resistance value is above 0.01Ω
.
Example :
4digits……10mΩ=10L0, 100mΩ=R100
3digits……100mΩ=R10, 1Ω=1R0
(Unit:mm)
Part No.
mm
(inch)
L
W
t
a
b
Marking
existence
LHR18
1632
0612
1.6±0.10
3.2±0.10
0.58±0.10
0.30±0.20
0.50±0.20
Yes
LTR10
1220
0508
1.2±0.10
2.0±0.10
0.55±0.10
0.30±0.20
0.35±0.20
Yes
LTR18
1632
0612
1.6±0.10
3.2±0.10
0.58±0.10
0.50±0.20
0.50±0.20
No
LTR50
2550
1020
2.5±0.15
5.0±0.15
0.58±0.15
0.38±0.20
0.90±0.20
Yes
LTR100
3264
1225
3.2±0.15
6.4±0.15
0.55±0.15
0.40±0.25
1.13±0.25
No
LTR100L
3264
1225
3.1±0.15
6.4±0.15
0.58±0.15
0.50±0.25
1.00±0.25
No
●Land pattern example
(Unit:mm)
Dimensions
A
B
C
D
Part No.
LTR10
0.50
1.98
2.20
0.74
LTR18
LHR18
0.55
2.91
3.20
1.18
LTR50
0.80
3.36
5.00
1.28
LTR100
LTR100L
0.89
5.01
6.40
2.06
www.rohm.com
© 2021 ROHMCo., Ltd. All rights reserved.
2/4
2021.06 - Rev.M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com