Electronic Components Datasheet Search
  English  ▼

X  

MAZX200 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZX200
Description  Silicon planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZX200 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZX200 Datasheet HTML 1Page - Panasonic Semiconductor MAZX200 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zener Diodes
2
MAZX000 Series
MAZX200
180
200
220
1.5
10
160
600
1.5
170
1.5
200
MAZX220
198
220
242
0.5
10
176
10,000
0.5
200
0.5
220
MAZX240
216
240
264
0.5
10
192
10,000
0.5
215
0.5
240
MAZX270
243
270
297
0.5
10
216
5,000
0.5
243
0.5
270
MAZX300
270
300
330
0.5
10
240
5,000
0.5
270
0.5
300
MAZX330
297
330
363
0.5
10
264
5,000
0.5
296
0.5
330
I Electrical characteristics within part numbers T
a = 25
°C
Part Number
VZ (V)
IR
RZ
SZ
Min
Nom
Max
IZ
Max
VR
Max
IZ
Typ
IZ
(V)
(V)
(V)
(mA)
(
µA)
(V)
(
Ω)
(mA)
(mV/
°C) (mA)
Marking
Symbol
IZ  VZ
0.001
220
240
280
320
360
400
0.01
0.1
1
10
100
Zener voltage V
Z
(V)
Ta
= 25°C
Temperature
coefficient of zener
voltage
Operating
resistance
Zener voltage
Reverse current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com