Electronic Components Datasheet Search
  English  ▼

X  

MPA2019 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MPA2019
Description  MAGIGOO® - PA (Polyamide/Nylon), is an all-in-one 3D printing adhesive that offers sure adhesion with easy removal for PA and fibre reinforced PA materials
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPA2019 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MPA2019 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPA2019 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPA2019 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPA2019 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
info@magigoo.com
www.magigoo.com
MAGIGOO
Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate
Paola, PLA3000, Malta
Description:
MAGIGOO® - PA (Polyamide/Nylon), is an all-in-one 3D printing adhesive that offers
sure adhesion with easy removal for PA and fibre reinforced PA materials. MAGIGOO®
- PA, has been specifically formulated for PA and fibre reinforced PA materials
filaments to ensure that it provides an easy to use solution to reduce warping in FDM/
FFF 3D printers. Warping, among other factors, is caused by the differential cool of a
print during a 3D printing process. MAGIGOO® - PA is purposely developed to reliably
and repeatably minmise warping during FDM/FFF printing of PA materials.
Technical specifications:
‣ Appearance: clear-faint yellow liquid
‣ Consistency: low-med viscosity
‣ Solvent:water
‣ Decomposition: extended period exceeding >= 130 °C
Properties:
MAGIGOO® - PA, acts as a thermally activated interfacial layer, allowing for
better interactions, both at the micro and molecular level, between the
printing bed and the printing materials. It is generally recommended to print
according to the printing temperatures recommended by the filament
supplier. The printing conditions vary between one printer and another.
To find the best temperature one could start from the lower end of the
recommended settings and increase the bed temperature in 5 °C increments.
This should be done with standardised calibration prints.
Intended use:
To be used on FDM/FFF 3D printers with a heated bed on glass surfaces. Also works
when applied on sheets e.g. Kapton, PEI and similar. To be used with neat PA and fibre
reinforced PA filaments.
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com