Electronic Components Datasheet Search
  English  ▼

X  

IPS1025HF Datasheet(PDF) 4 Page - STMicroelectronics

Part # IPS1025HF
Description  High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025HF Datasheet(HTML) 4 Page - STMicroelectronics

  IPS1025HF Datasheet HTML 1Page - STMicroelectronics IPS1025HF Datasheet HTML 2Page - STMicroelectronics IPS1025HF Datasheet HTML 3Page - STMicroelectronics IPS1025HF Datasheet HTML 4Page - STMicroelectronics IPS1025HF Datasheet HTML 5Page - STMicroelectronics IPS1025HF Datasheet HTML 6Page - STMicroelectronics IPS1025HF Datasheet HTML 7Page - STMicroelectronics IPS1025HF Datasheet HTML 8Page - STMicroelectronics IPS1025HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
3
Absolute maximum ratings
Absolute maximum ratings are the values beyond which damage to the device may occur. Functional operation
under these conditions is not implied. All voltages are referenced to GND.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 65
V
ICC
Maximum DC reverse current (from GND to VCC)
-250
mA
IOUT
Output stage current
Internally limited
A
-IOUT
Reverse current (from OUT to VCC)
5
A
VIN
IN pin voltage
-0.3 to VCC
V
IIN
IN pin current
-10/+10
mA
VPD
IPD pin voltage
-0.3 to 5.5
V
IPD
IPD pin current
-1/+10
mA
VFAULT
FLT pins voltage
-0.3 to 5.5
V
IFAULT
FLT pins current
-1(1)/+10
mA
EAS
Single pulse avalanche energy
(TAMB = 125 °C, VCC = 24 V, IOUT = 2 A)
14(2)
J
5.8(3)
J
PTOT
Power Dissipation at TC = 25 °C
Internally limited
W
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Junction Operating Temperature
Internally limited
°C
TC
Case Operating Temperature
-40 to 150
°C
1. intended as worst case when IC is in normal operation (no fault)
2. IPS1025HF
3. IPS1025HFQ
IPS1025HF, IPS1025HFQ
Absolute maximum ratings
DS13869 - Rev 3
page 4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com