Electronic Components Datasheet Search
  English  ▼

X  

TPVI13 Datasheet(PDF) 1 Page - Total Power International

Part # TPVI13
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 13-15 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI13 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVI13 Datasheet(HTML) 1 Page - Total Power International

  TPVI13 Datasheet HTML 1Page - Total Power International TPVI13 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE &
DUAL OUTPUT 13-15 WATTS INTERNAL SWITCHING
POWER SUPPLIES TPVI13 SERIES
FEATURES:
ACCOMMODATE UNIVERSALAC SOURCES
LOW-PROFILE & COMPACT PCB FORMAT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 13-15watts.
Output Connector: Molex # 5045.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±2.0%.
Aux. VO2 typ. ±5.0% (stacked on).
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at VO1 (Zener diode).
Adjustability: Available at VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: Molex # 5045.
Input Frequency: 47-63Hz
Inrush Current: Typ. 26.0A @230Vac.
Input Current: Typ. 0.30A @115Vac, 0.15A@230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Hold-up Time: Typ. 10mS @115Vac, 40mS @230Vac.
Earth Leakage: Typ. 0.25mA @230Vac.
GENERAL SPECIFICATION
Efficiency: Typ. 70-80%.
Switching Frequency: 40 KHz.
Circuit Topology: Fixed Frequency Flyback Circuit.
Transient Response: Output voltage returns in
less than 3mS following
a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class II.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: Free air convection.
Construction: PCB open frame format.
Power Density: 2.12 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
TOTAL POWER INT'L


Similar Part No. - TPVI13

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVI10 TOTAL-POWER-TPVI10 Datasheet
317Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-10 TOTAL-POWER-TPVI10-10 Datasheet
317Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-11 TOTAL-POWER-TPVI10-11 Datasheet
317Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-12 TOTAL-POWER-TPVI10-12 Datasheet
317Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI10-13 TOTAL-POWER-TPVI10-13 Datasheet
317Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
More results

Similar Description - TPVI13

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVI10 TOTAL-POWER-TPVI10 Datasheet
317Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPVI12 TOTAL-POWER-TPVI12 Datasheet
308Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES
logo
HITRON ELECTRONICS CORP...
HVI08 HITRON-HVI08 Datasheet
106Kb / 2P
UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10.5 HITRON-HVI10.5 Datasheet
289Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME DUAL OUTPUT 10.5 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI13 HITRON-HVI13 Datasheet
428Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 13-15 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI14 HITRON-HVI14 Datasheet
339Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME QUAD OUTPUT 14 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI20 HITRON-HVI20 Datasheet
278Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com