Electronic Components Datasheet Search
  English  ▼

X  

CMBD2004 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CMBD2004
Description  High voltage switching (double) diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CMBD2004 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CMBD2004 Datasheet HTML 1Page - Cystech Electonics Corp. CMBD2004 Datasheet HTML 2Page - Cystech Electonics Corp. CMBD2004 Datasheet HTML 3Page - Cystech Electonics Corp. CMBD2004 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C335N3
Issued Date : 2003.05.30
Revised Date :
Page No. : 1/4
CMBD2004/A/C/SN3
CYStek Product Specification
High voltage switching (double) diodes
CMBD2004/A/C/SN3
Description
High voltage switching diodes encapsulated in a SOT-23 small plastic SMD package.
Single diodes and double diodes with different pinning are available.
Features
•Fast switching speed
•Low forward voltage drop
•Small plastic SMD package
Mechanical Data
•Case : SOT-23, molded plastic
•Terminals : Solderable per MIL-STD-202 Method 208
•Weight : 0.008 grams(approx.)
Pinning
Outline
Description
Pin
CMBD2004 CMBD2004A CMBD2004C CMBD2004S
1
A
K1
A1
A1
2
NC
K2
A2
K2
3
K
A1,A2
K1,K2
K1,A1
SOT-23
1
2
3
(1) CMBD2004
(3)CMBD2004C
(2)CMBD2004A
(4)CMBD2004S
Diode configuration and symbol
Marking:
Type
Marking Code
CMBD2004 N3
D53
CMBD2004AN3
DB8
CMBD2004CN3
DB7
CMBD2004SN3
DB6


Similar Part No. - CMBD2004

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBD226 CDIL-CMBD226 Datasheet
121Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODE
CMBD2835 CDIL-CMBD2835 Datasheet
129Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
CMBD2836 CDIL-CMBD2836 Datasheet
129Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
More results

Similar Description - CMBD2004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
HIGH VOLTAGE SWITCHING DIODES
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
HIGH VOLTAGE SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21AN3 CYSTEKEC-BAS21AN3 Datasheet
331Kb / 7P
High voltage switching (double) diodes
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
High-voltage switching diodes
Rev. 01-9 October 2009
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
High-voltage switching diodes
Rev. 02-14 December 2009
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
High Voltage Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com