Electronic Components Datasheet Search
  English  ▼

X  

TPVP93 Datasheet(PDF) 1 Page - Total Power International

Part # TPVP93
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP93 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVP93 Datasheet(HTML) 1 Page - Total Power International

  TPVP93 Datasheet HTML 1Page - Total Power International TPVP93 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN
FRAME SINGLE & MULTIPLE OUTPUT 50-100 WATTS
INTERNAL SWITCHING POWER SUPPLIES TPVP93 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC1000-3-2 HARMONIC CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: Molex V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 23A @230Vac.
Input Current: Typ. 1.5A@115Vac, 0.8A@230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR PUB.22 Class B.
Hold-up Time: Typ. 43mS @ 115Vac & 230Vac.
Over Temp. Protection (OTP): Optional for
U-Bracket format.
Power Factor Correction: Meet Harmonic Correction
per IEC1000-3-2.PF typ.0.98-0.99.
Earth Leakage: Less than 0.63mA.
Overload Protection (OLP): Fully protected against output
overload and short circuit.
Consult the factory for OLP setting.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: Molex V-M connector.
Output Wattage: Typ. 50 Watts. convection.
Max. 93 Watts under forced air flow.
Line Regulation: Typ. 0.1-0.5%.
Load Regulation: Main VO1: typ. ±1-2.0%.
Aux. VO2: typ. ±3-5.0% (Stacked on).
VO2: typ. ±2-3.0% (P.R.).
Aux. VO3: typ. ±2-3.0% (P.R.).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Installed in main VO1 only.
Adjustability: Available at main VO1.
OR-ing Diodes: Installed in VO1 & VO2.
GENERAL SPECIFICATION
Efficiency: Typ. 75%.
Switching Frequency: Fixed freq. at 65K Hz.
Circuit Topology: PWM Fixed-frequency Forward Circuit.
Transient Response: Output voltage returns in
less than 0.5mS following
a 25% load change.
Safety Standard: UL1950/ EN60950 Class I.
Power Density: 2.5-5.0 Watts / Cubic Inch PCB format.
1.7- 3.37 Watts / Cubic Inch U-Bracket format.
Operating Temperature: 0 to +50°C at full load and
30 cfm forced air flow for full load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: At least 20 cfm forced cooling air is required
for 90 watts and up load
Construction: PCB or U-bracket open frame format.
TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com
http://www.total-power.com
-1-


Similar Part No. - TPVP93

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVP93-D033I TOTAL-POWER-TPVP93-D033I Datasheet
382Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION
TPVP93-D033K TOTAL-POWER-TPVP93-D033K Datasheet
382Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION
TPVP93-D033M TOTAL-POWER-TPVP93-D033M Datasheet
382Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION
TPVP93-D050I TOTAL-POWER-TPVP93-D050I Datasheet
382Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION
TPVP93-D050K TOTAL-POWER-TPVP93-D050K Datasheet
382Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION
More results

Similar Description - TPVP93

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HVP101 TOTAL-POWER-HVP101 Datasheet
435Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
logo
HITRON ELECTRONICS CORP...
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-50 TOTAL-POWER-TPVP-50 Datasheet
652Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP50 SERIES
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com