Electronic Components Datasheet Search
  English  ▼

X  

AMC22C12 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C12
Description  AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C12 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC22C12 Datasheet HTML 17Page - Texas Instruments AMC22C12 Datasheet HTML 18Page - Texas Instruments AMC22C12 Datasheet HTML 19Page - Texas Instruments AMC22C12 Datasheet HTML 20Page - Texas Instruments AMC22C12 Datasheet HTML 21Page - Texas Instruments AMC22C12 Datasheet HTML 22Page - Texas Instruments AMC22C12 Datasheet HTML 23Page - Texas Instruments AMC22C12 Datasheet HTML 24Page - Texas Instruments AMC22C12 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
7.3.2 Reference Input
The voltage on the REF pin determines the trip threshold of the window comparator. The internal precision
current source forces a 100-μA current through an external resistor connected from the REF pin to GND1. The
resulting voltage across the resistor (VREF) equals the magnitude of the positive and negative trip thresholds,
see Figure 7-1. Place a 100-nF capacitor parallel to the resistor to filter the reference voltage. This capacitor
must be charged by the 100-μA current source during power-up and the charging time may exceed the high-side
blanking time (tHS,BLK). In this case, as shown in Figure 7-2, the comparator may output an incorrect state after
the high-side blanking time has expired until VREF reaches the final value. See the Power-Up and Power-Down
Behavior section for more details on power-up behavior.
tHS, STA + tHS,BLK
OUT
VREF settling time
low
Output not valid
Output valid
VREF
VDD2
VDD1
ON
<1%
OUT not valid
if VIN is in this range
during power-up
Figure 7-2. Output Behavior for Long Settling Times of the Reference Voltage
The voltage on the REF pin also determines the functionality of the negative comparator (Cmp1) and the
hysteresis of the positive comparator (Cmp0) shown in the Functional Block Diagram. If VREF exceeds the
VMSEL threshold defined in the Electrical Characteristics table, Cmp1 is disabled and the hysteresis of Cmp0
is increased from 4 mV (typical) to 25 mV. Positive-comparator mode is intended for voltage-monitoring
applications that require higher input voltages and higher noise immunity.
The reference pin can be driven by an external voltage source to change the comparator thresholds during
operation. However, do not drive VREF dynamically across the VMSEL threshold during normal operation because
doing so changes the hysteresis of the Cmp0 comparator and can lead to unintentional switching of the output.
Figure 7-3 shows a mode selection timing diagram.
tHSEL
Hysteresis
(Cmp0)
Enable
(Cmp1)
VMSEL
tHSEL
enabled
enabled
disabled
tEN13
tDIS13
VREF
4 mV
25 mV
4 mV
Mode of operation
window comparator mode
window comparator mode
positive-comparator mode
Figure 7-3. Mode Selection
www.ti.com
AMC22C12-Q1
SBASAJ9A – JUNE 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC22C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com