Electronic Components Datasheet Search
  English  ▼

X  

DTO35 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DTO35
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTO35 Datasheet(HTML) 5 Page - Vishay Siliconix

  DTO35 Datasheet HTML 1Page - Vishay Siliconix DTO35 Datasheet HTML 2Page - Vishay Siliconix DTO35 Datasheet HTML 3Page - Vishay Siliconix DTO35 Datasheet HTML 4Page - Vishay Siliconix DTO35 Datasheet HTML 5Page - Vishay Siliconix DTO35 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DTO35
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
5
Document Number: 51078
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
• Tube: max. 50 units per tube
• Reel: max. 500 units per reel
MARKING
Model, style, resistance value (in
Ω), tolerance (in %), manufacturing date, Vishay Sfernice trademark.
ORDERING INFORMATION
DTO
035
C
100 k
Ω
± 1 %
XXX
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE
VALUE
TOLERANCE
CUSTOM DESIGN
LEAD (Pb)-FREE
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
Optional on request:
shape, etc
SAP PART NUMBERING GUIDELINES
GLOBAL
MODEL
SIZE
LEADS
OHMIC VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
DTO
035
C = surface mount
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R70 = 48.7
Ω
48701 = 48 700
Ω
10002 = 100 000
Ω
R0100 = 0.01
Ω
R6800 = 0.68
Ω
27000 = 2700
Ω = 2.7 kΩ
F = 1 %
G = 2 %
J = 5 %
K = 10 %
R = reel
500 pieces
T = tube
50 pieces
E3 = pure tin
5.2
0.8
1.6
0.9
14.5
0.8
0.5
8.7
3
1
17°
R 0.5
35
C
100
2
R
3
O
0
T
0F
E
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com