Electronic Components Datasheet Search
  English  ▼

X  

FCHP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FCHP
Description  High Frequency 60 GHz High Power 1 W Thin Film Surface Mount Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FCHP Datasheet(HTML) 4 Page - Vishay Siliconix

  FCHP Datasheet HTML 1Page - Vishay Siliconix FCHP Datasheet HTML 2Page - Vishay Siliconix FCHP Datasheet HTML 3Page - Vishay Siliconix FCHP Datasheet HTML 4Page - Vishay Siliconix FCHP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FCHP
www.vishay.com
Vishay Dale Thin Film
Revision: 06-Sep-2021
4
Document Number: 60162
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Chip surface temperature measured using FLIR SC645 thermal imaging system.
Thermal imaging and load life testing conducted by mounting device to a 1.6" x 3.7" test card with 3.5 mil copper plating on both sides.
Thermal vias on 50 mil centers were utilized for heat transfer between surfaces
INTERNAL IMPEDANCE
SINGLE PULSE LOAD TESTING
10
100
1000
10000
0
0.5
1.0
1.5
2.0
2.5
0.01
0.1
1
10
100
Axis Title
Frequency (GHz)
▬▬▬
Wraparound, 50 Ω
▬▬▬
Wraparound, 100 Ω
▬▬▬
Flip chip, 50 Ω
▬▬▬
Flip chip, 100 Ω
10
100
1000
10000
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
Axis Title
Pulse Duration (s)
▬▬▬
Wraparound, 50 Ω
▬▬▬
Flip chip, 50 Ω
▬▬▬
Wraparound, 100 Ω
▬▬▬
Flip chip, 100 Ω
VSWR
TEMPERATURE VS. APPLIED POWER (1)
10
100
1000
10000
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
02468
10 12 14 16 18 20
Axis Title
Frequency (GHz)
▬▬▬
Wraparound, 50 Ω
▬▬▬
Wraparound, 100 Ω
▬▬▬
Flip chip, 50 Ω
▬▬▬
Flip chip, 100 Ω
10
100
1000
10000
0
1
2
3
4
5
6
7
70
150
200
Axis Title
Temperature (°C)
▬▬▬
Wraparound, 50 Ω
▬▬▬
Flip chip, 50 Ω
▬▬▬
Wraparound, 100 Ω
▬▬▬
Flip chip, 100 Ω
DERATING
10
100
1000
10000
0
20
40
60
80
100
0
20406080
140
Axis Title
Ambient Temperature (°C)
125
100
155



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com