Electronic Components Datasheet Search
  English  ▼

X  

IDS101 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # IDS101
Description  10W, Step-Down, Single Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

IDS101 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  IDS101 Datasheet HTML 1Page - Minmax Technology Co., Ltd. IDS101 Datasheet HTML 2Page - Minmax Technology Co., Ltd. IDS101 Datasheet HTML 3Page - Minmax Technology Co., Ltd. IDS101 Datasheet HTML 4Page - Minmax Technology Co., Ltd. IDS101 Datasheet HTML 5Page - Minmax Technology Co., Ltd. IDS101 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Leads are tin plated for improved solderability.
235] max./10sec
:
Soldering
temperature
8.6g
:
Weight
Trim
5
+Vout
4
Acceleration 20G max. time 11 ms
:
Shock
-Vin
3
+Vin
2
10 to 55Hz acceleration 2G
Remote On/Off
1
5 to 10Hz amplitude 10mm pk-pk
:
Vibration
Function
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
20.2 [0.80]
0.8 [0.03]
8.3MAX [0.327MAX]
2.54 [0.100]
0.25 [0.010]
12
3
4
5
Mechanical Dimensions
IDS100 Series
6
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com