Electronic Components Datasheet Search
  English  ▼

X  

CSO Datasheet(PDF) 1 Page - Schurter Inc.

Part # CSO
Description  Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CSO Datasheet(HTML) 1 Page - Schurter Inc.

  CSO Datasheet HTML 1Page - Schurter Inc. CSO Datasheet HTML 2Page - Schurter Inc. CSO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholder Blocks & Clips
CSO
https://www.schurter.com /PG02b
Circuit Protection
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
Heavy duty fuse clip
Solder THT terminal
Heavy duty fuse clip
Screw or rivet terminal
See below:
Approvals and Compliances
1500 V · 32A
Description
- Solder/screw/rivet mounting
- For photovoltaic and other DC applications
- Suitable gPV fuse link ASO 10.3x38
- Suitable E-Mobility fuse link AEO 10.3x38
Unique Selling Proposition
- Special copper alloy material for high efficiency
- Very low contact resistance
- Minimal power dissipation due to strong clamping force
- Ideal for use in high power applications like EV-charging
Applications
- Photovoltaic applications
- Inverters
- Battery charge controllers
- String fuse holder
- DC applications
- E-Mobility charging stations
References
Fuseholder to ASO 10.3x38
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product, Microsite
Technical Data
Fuse-Link
10.3 x 38 / 10.3 x 85 mm
Mounting
PCB
Terminal
Solder THT / screw / rivet
Rated Voltage
1500 V
Rated current
32 A
Admissible Ambient Air Temp. -40 °C to 155 °C ¹
⁾
Climatic Category
40/155/21 acc. to IEC 60068-1 ¹
⁾
Material
Copper alloy, silver-plated / tin-plated ¹
⁾
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type
Soldering Methods
Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1
Contact Resistance
≤ 1mΩ at 100 mA
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
1) Details see table of variants
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: CSO
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UR File Number: E39328


Similar Part No. - CSO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-25-49.152 CRYSTEKCRYSTAL-CSO-016T-25-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-49.152 CRYSTEKCRYSTAL-CSO-016T-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
More results

Similar Description - CSO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231660 SCHURTER-231660 Datasheet
211Kb / 1P
Clip, 10.3 x 38 mm, UR
A10AM SCHURTER-A10AM Datasheet
258Kb / 3P
Miniature Fuse, 10.3 x 38 mm, aM, 500 VAC
A10GG SCHURTER-A10GG Datasheet
281Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
231660 SCHURTER-231660_18 Datasheet
205Kb / 2P
Clip, 10.3 x 38 mm, UR
CSO SCHURTER-CSO_18 Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
A10GG SCHURTER-A10GG_V01 Datasheet
166Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com