Electronic Components Datasheet Search
  English  ▼

X  

FMS Datasheet(PDF) 1 Page - Schurter Inc.

Part # FMS
Description  Fuseholder Open Design, Holder for MSx 250, THT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMS Datasheet(HTML) 1 Page - Schurter Inc.

  FMS Datasheet HTML 1Page - Schurter Inc. FMS Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fuseholder Blocks & Clips
FMS (250V)
https://www.schurter.com /PG02
Circuit Protection
Fuseholder Open Design, Holder for MSx 250, THT
See below:
Approvals and Compliances
250 VAC · 1.6W/6.3A (VDE) / · 250VAC · 6.3A (UL/CSA)
Description
- Through hole mounting
References
Fuseholder to MSF 250; MST 250; MSTU 250; MSU 250; MXT 250
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC1
Fuse-Link
Microfuse 250 V
Mounting
PCB
Terminal
Solder THT
Rated Voltage
250 VAC (VDE), 250 VAC (UL/CSA)
Rated current
6.3 A (VDE) / 6.3 A (UL/CSA)
Rated Power Acceptance IEC 1.6 W / 6.3 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP30 with installed fuse
Protection Class
Suitable for appliances with protection
class II acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, UL 94V-0
Material: Terminals
Copper alloy, tin-plated
Unit Weight
0.37 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type
Soldering Methods
Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Contact Resistance
< 10 m
Ω at 100 mA acc. to IEC
60127-6
Dielectric Strength
> 2.5 kV between life parts
(50 Hz: 1 min)
Insulation Resistance
> 10 M
Ω between life parts
(500 VDC: 1 min)
Overvoltage Category
II acc. to IEC 60664-1
Pollution Degree
2 acc. to IEC 60664-1
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FMS
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40041146
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FMS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Isabellenhütte Heu...
FMS ISABELLENHUETTE-FMS Datasheet
607Kb / 4P
2 mOhms ±1% 3.5W Chip Resistor 2512 (6432 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
11-November-2019
logo
Heyco.
FMS HEYCO-FMS Datasheet
166Kb / 1P
Fan Mounts
logo
M-System Co.,Ltd.
FMS-0-K MSYSTEM-FMS-0-K Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FMS-0-K/K MSYSTEM-FMS-0-K/K Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FMS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231786 SCHURTER-231786 Datasheet
231Kb / 1P
Fuseholder Open Design, Holder for MSB and 172876, THT
231787 SCHURTER-231787 Datasheet
229Kb / 1P
Fuseholder Open Design, Holder for MSB and 172876, SMD
231651 SCHURTER-231651 Datasheet
196Kb / 1P
Fuseholder Open Design, Holder for PSC 125V, THT
231819 SCHURTER-231819 Datasheet
195Kb / 1P
Fuseholder Open Design, Holder for FRT 250x, THT
FME SCHURTER-FME Datasheet
325Kb / 1P
Fuseholder Open Design, Holder for MSF 125, Panel Mount
FMR SCHURTER-FMR Datasheet
323Kb / 1P
Fuseholder Open Design, Holder for MSF 125, horizontal, THT
00318002 SCHURTER-00318002 Datasheet
395Kb / 2P
Fuseholder Open Design, 6.3 x 32 mm, THT
0031.7601 SCHURTER-0031.7601 Datasheet
287Kb / 1P
Fuseholder Open Design, Holder for MSx 250, THT
FMS-125V SCHURTER-FMS-125V Datasheet
202Kb / 2P
Fuseholder Open Design, Holder for MSF 125, vertical, THT
231787 SCHURTER-231787_18 Datasheet
219Kb / 2P
Fuseholder Open Design, Holder for MSB and 172876, THT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com