Electronic Components Datasheet Search
  English  ▼

X  

SWD7N65DA Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SWD7N65DA
Description  N-channel Enhanced mode TO-251N/TO-262N/TO-252 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SWD7N65DA Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SWD7N65DA Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SWD7N65DA Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SWD7N65DA Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SWD7N65DA Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SWD7N65DA Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SWD7N65DA Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SWD7N65DA Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW7N65DA
Jun. 2018. Rev. 4.0
1/7
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-251N
TO-262N
TO-252
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
7*
A
Continuous drain current (@T
C=100
oC)
4.4*
A
I
DM
Drain current pulsed
(note 1)
28
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
323
mJ
E
AR
Repetitive avalanche energy
(note 1)
25
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
176
184
154.3
W
Derating factor above 25oC
1.4
1.5
1.2
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-251N
TO-262N
TO-252
R
thjc
Thermal resistance, Junction to case
0.71
0.68
0.81
oC/W
R
thja
Thermal resistance, Junction to ambient
83
65
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW N 7N65DA
SW7N65DA
TO-251N
TUBE
2
SW J 7N65DA
SW7N65DA
TO-262N
TUBE
3
SW D 7N65DA
SW7N65DA
TO-252
REEL
N-channel Enhanced mode TO-251N/TO-262N/TO-252 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.4Ω)@VGS=10V
 Low Gate Charge (Typ 25nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 7A
R
DS(ON) : 1.4Ω
1
2
3
TO-251N
1
2
3
TO-262N
1
2
3
TO-252
1
2
3


Similar Part No. - SWD7N65DA

ManufacturerPart #DatasheetDescription
logo
Eravant
SWD-0325H-06-SB ERAVANT-SWD-0325H-06-SB Datasheet
303Kb / 2P
D-Band Waveguide Directional Coupler, 3 dB
Rev. 1.2
SWD-0330H-08-BB ERAVANT-SWD-0330H-08-BB Datasheet
235Kb / 2P
F-Band Waveguide Bi-Directional Coupler, 3 dB
SWD-0330H-08-SB ERAVANT-SWD-0330H-08-SB Datasheet
247Kb / 2P
F-Band Waveguide Directional Coupler, 3 dB
Rev. 1.1
SWD-0340H-06-BB ERAVANT-SWD-0340H-06-BB Datasheet
218Kb / 2P
D-Band Waveguide Bi-Directional Coupler, 3 dB
Rev 1.2
SWD-0340H-10-BB ERAVANT-SWD-0340H-10-BB Datasheet
335Kb / 3P
W-Band Waveguide Bi-Directional Coupler, 3 dB
Rev. 1.2
More results

Similar Description - SWD7N65DA

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N80K2 SEMIPOWER-SW10N80K2 Datasheet
694Kb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW2N65K SEMIPOWER-SW2N65K Datasheet
805Kb / 6P
N-channel Enhanced mode TO-251N/TO-252 MOSFET
SW4N50K SEMIPOWER-SW4N50K Datasheet
1,022Kb / 7P
N-channel Enhanced mode TO-251N/TO-252/TO-220F MOSFET
SW4N65K2 SEMIPOWER-SW4N65K2 Datasheet
780Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW4N70K2 SEMIPOWER-SW4N70K2 Datasheet
939Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW4N80K SEMIPOWER-SW4N80K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW6N60D SEMIPOWER-SW6N60D Datasheet
856Kb / 6P
N-channel Enhanced mode TO-220F/TO-252/TO-251N MOSFET
SW6N80D SEMIPOWER-SW6N80D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251N/TO-220F/TO-252 MOSFET
SW7N70D SEMIPOWER-SW7N70D Datasheet
761Kb / 7P
N-channel Enhanced mode TO-252/TO-251N/TO-262N MOSFET
SW4N70L SEMIPOWER-SW4N70L Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
Mar. 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com