Electronic Components Datasheet Search
  English  ▼

X  

MBU124 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MBU124
Description  1W, Ultra Miniature SIP, Single Output DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MBU124 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MBU124 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MBU124 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MBU124 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MBU124 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MBU124 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MBU124 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
79
4
53
1
67
15
MBU124
79
4
53
1.5
84
12
MBU123
76
5
54
2
110
9
MBU122
70
8
7
60
4
200
5
24
(21.6~26.4)
MBU121
80
4
105
1
67
15
MBU114
79
5
106
1.5
84
12
MBU113
77
5
107
2
110
9
MBU112
71
9
13
117
4
200
5
12
(10.8~13.2)
MBU111
78
6
258
1
67
15
MBU104
77
7
262
1.5
84
12
MBU103
76
8
260
2
110
9
MBU102
69
11
30
290
4
200
5
5
(4.5~5.5)
MBU101
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+75
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
450
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20
MHz.
3. These power converters require a minimum
output loading to maintain specified regulation.
4. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
5. All DC/DC converters should be externally fused at
the front end for protection.
6. Other input and output voltage may be available,
please contact factory.
7. Specifications subject to change without notice.
Absolute Maximum Ratings
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MBU100 Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com