Electronic Components Datasheet Search
  English  ▼

X  

2002182000 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 4Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 5Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 6Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 7Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
Doc. No: 2002182000
Release Date: 07-31-19
UNCONTROLLED COPY
Page 6 of 8
Revision: A
Revision Date: 07-31-19
Right- or Left-Handed Operation
This hand tool has an added feature that can be
converted from a right-handed application to a
left-handed application. It is necessary to
reverse the tooling if using the left-handed
application along with the locator. Follow the
steps below:
1. The locator must be removed before
reversing the tooling.
2. Remove the M3 BHCS, which is holding
the upper tooling.
3. Flip the upper tooling to the opposite
side, and replace the M3 BHCS. Make
sure the small markings on the front and
back of the hand tool frame match up
and are on the outside of the hand tool
frame. See Figures 9 and 10.
4. Do the same thing with the lower tooling,
and tighten the M3 screws. Be sure the
small markings line up.
5. Reinstall the locator by following the
instructions in the locator replacement
section.
MAINTENANCE
It is recommended that each operator of the tool be made aware of and
responsible for the following maintenance steps:
1. Remove dust, moisture and other contaminants with a clean brush
or a soft, lint-free cloth.
2. Do not use any abrasive materials that could damage the tool.
3. Make certain all pins, pivot points and bearing surfaces are
protected with a thin coat of high-quality machine oil. Do not oil
excessively. The tool was engineered for durability, but like any
other equipment, it needs cleaning and lubrication for a maximum
service life of trouble-free crimping. Light oil (such as 30 weight
automotive oil) used at the oil points every 5,000 crimps or 3
months will significantly enhance the tool life. See Figure 11.
4. Wipe excess oil from hand tool, particularly from crimping area. Oil
transferred from the crimping area onto certain terminations may
affect the electrical characteristics of an application.
5. When the tool is not in use, keep the handles closed to prevent
objects from becoming lodged in the crimping dies, and store the
tool in a clean, dry area.
Miscrimps or Jams
Should this tool ever become stuck or jammed in a partially closed
position, Do Not force the handles open or closed. The tool will open
easily by pressing up on the ratchet release lever in the movable
handle. See Figure 12.
LUBRICATION POINTS
(BOTH SIDES) LIGHT
OIL
(EVERY 3 MONTHS OR
5,000 CRIMPS)
Figure 11
RATCHET RELEASE
LEVER
Figure 12
Figure 9
PUSH ON
HANDLE
JAWS OPEN
PULL OPEN
TOOLING
TOOLING
M3 BHCS
MATCH
UP MARKS
FRONT
BACK
Figure 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com