Electronic Components Datasheet Search
  English  ▼

X  

MBU102 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MBU102
Description  1W, Ultra Miniature SIP, Single Output DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MBU102 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MBU102 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MBU102 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MBU102 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MBU102 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MBU102 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MBU102 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K Hours
---
---
2000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
110
90
50
Switching Frequency
pF
100
60
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1100
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1000
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
0.5 Second Max.
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
---
---
120
Over Load
mV rms
5
---
---
Ripple & Noise (20MHz)
mV P-P
200
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
150
100
---
Ripple & Noise (20MHz)
%
See Model Selection Guide
Io=20% to 100%
Load Regulation
%
{1.5
{1.2
---
For Vin Change of 1%
Line Regulation
%
{3.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
uF
33
33
33
33
Maximum Capacitive Load
Unit
15V
12V
9V
5V
Models by Vout
Capacitive Load
100mA Slow - Blow Type
200mA Slow - Blow Type
500mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
MBU100 Series
REV:0 2005/04
MINMAX
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com