Electronic Components Datasheet Search
  English  ▼

X  

101 Datasheet(PDF) 1 Page - Alpha Wire

Part # 101
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

101 Datasheet(HTML) 1 Page - Alpha Wire

  101 Datasheet HTML 1Page - Alpha Wire 101 Datasheet HTML 2Page - Alpha Wire 101 Datasheet HTML 3Page - Alpha Wire 101 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 101
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
4 X 1 COND
a) Conductor
22 (26/36) AWG Bare Copper
0.027
b) Insulation
0.010" Wall, Nom. MPPE
0.047
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
BROWN
3
BLUE
2
WHITE
4
BLACK
2) Cable Assembly
4 Components Cabled
a) Twists:
6.9 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.040" Wall, Nom.,Polyurethane,
Zero Halogen (ZH)
0.200+/- 0.011
a) Color(s)
SLATE
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
c) Print
1) UL
a) Component 1
AWM/STYLE 11231
105°C / 600 VRMS
b) Overall
AWM/STYLE 21959
90°C / 600 VRMS
60C OIL
SUN RES
AWM/STYLE 20549
80°C / 300 VRMS


Similar Part No. - 101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
101 STMICROELECTRONICS-101 Datasheet
38Kb / 5P
0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
22-Jan-2002
logo
Riedon Powertron
101 RIEDON-101 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
101 PRODUCTWELL-101 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
101 ETC2-101 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Silicon Laboratories
101 SILABS-101 Datasheet
452Kb / 13P
NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - 101

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
4512911 ALPHAWIRE-4512911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com