Electronic Components Datasheet Search
  English  ▼

X  

103 Datasheet(PDF) 1 Page - Alpha Wire

Part # 103
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

103 Datasheet(HTML) 1 Page - Alpha Wire

  103 Datasheet HTML 1Page - Alpha Wire 103 Datasheet HTML 2Page - Alpha Wire 103 Datasheet HTML 3Page - Alpha Wire 103 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 103
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
8 X 1 COND
a) Conductor
24 (19/36) AWG Bare Copper
0.025
b) Insulation
0.011" Wall, Nom. PVC, Semi Rigid
0.047
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
WHITE
4
YELLOW
7
BLUE
2
BROWN
5
SLATE
8
RED
3
GREEN
6
PINK
2) Cable Assembly
8 Components Cabled
a) Twists:
4.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.032" Wall, Nom.,PVC
0.244+/- 0.011
a) Color(s)
SLATE
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
c) Print
1) UL
a) Component 1
AWM/STYLE 10002
105°C / 300 VRMS
b) Overall
AWM/STYLE 2661
105°C / 300 VRMS
2) CSA International
C(RU) AWM I/II A/B FT1
105°C / 300 VRMS


Similar Part No. - 103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
103 STMICROELECTRONICS-103 Datasheet
145Kb / 10P
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
17-Jun-2002
logo
List of Unclassifed Man...
103 ETC2-103 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
DB Lectro Inc
103 DBLECTRO-103 Datasheet
21Kb / 1P
D챕tails complets sur le site du fabricant:
logo
Alpha Wire
103 ALPHAWIRE-103 Datasheet
99Kb / 4P
Customer Specification
11/28/2022
logo
3M Electronics
103 3M-103 Datasheet
1Mb / 4P
3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
More results

Similar Description - 103

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
4512911 ALPHAWIRE-4512911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com