Electronic Components Datasheet Search
  English  ▼

X  

MIW2000 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MIW2000
Description  3-4W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW2000 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MIW2000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW2000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
500mA Slow - Blow Type
1000mA Slow - Blow Type
48V Input Models
24V Input Models
Input Fuse Selection Guide
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
Input Voltage Transient Rating
MIW2000 Series
4
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com