Electronic Components Datasheet Search
  English  ▼

X  

AMT49106 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # AMT49106
Description  Automotive Three-Phase MOSFET Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49106 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button AMT49106 Datasheet HTML 18Page - Allegro MicroSystems AMT49106 Datasheet HTML 19Page - Allegro MicroSystems AMT49106 Datasheet HTML 20Page - Allegro MicroSystems AMT49106 Datasheet HTML 21Page - Allegro MicroSystems AMT49106 Datasheet HTML 22Page - Allegro MicroSystems AMT49106 Datasheet HTML 23Page - Allegro MicroSystems AMT49106 Datasheet HTML 24Page - Allegro MicroSystems AMT49106 Datasheet HTML 25Page - Allegro MicroSystems AMT49106 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Automotive Three-Phase MOSFET Driver
AMT49106
22
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Input and Output Terminal Functions
VBB: Power supply for VREG charge pump regulator. Should be
connected to VBB through a reverse voltage protection circuit
and should be decoupled with ceramic capacitors connected close
to the supply and ground terminals.
CP1, CP2, CP3, CP4: Pump capacitor connections for VREG
charge pump. Connect capacitors with a recommended nominal
value of 2.2 µF between CP1 and CP2 and between CP3 and
CP4. These devices should have a rated working voltage of at
least 50 V and a tolerance of ±20% or better.
CP5, CP6: Pump capacitor connection for external VCP charge
pump. Connect a capacitor with a recommend nominal value of
2.2 µF between CP5 and CP6. This device should have a rated
working voltage of at least 25 V and a tolerance of ±20% or bet-
ter.
VREG: Regulated output voltage, used to supply the low-side
gate drivers and to charge the bootstrap capacitors. A sufficiently
large storage capacitor must be connected between this terminal
and the GND terminal to provide the transient charging current.
GND: Ground. See Layout Recommendations section for further
information.
CA, CB, CC: High-side connections for the bootstrap capacitors
and positive supply for high-side gate drivers.
GHA, GHB, GHC: High-side gate drive outputs for external
N-channel MOSFETs.
SA, SB, SC: Load phase connections. These terminals are the
negative supply connections for the floating high-side drivers and
are also connected to the negative side of the bootstrap capaci-
tors.
GLA, GLB, GLC: Low-side gate drive outputs for external
N-channel MOSFETs.
LSSA, LSSB, LSSC: Low-side return path for discharge of
the capacitance on the MOSFET gates, connected to the com-
mon sources of the low-side external MOSFETs independently
through a low impedance track.
HA, HB, HC: Logic inputs to control the high-side gate drive
outputs. Battery voltage compliant terminal.
LA, LB, LC: Logic inputs to control the low-side gate drive out-
puts. Battery voltage compliant terminal.
SDI: Serial data logic input with pull-down. 16-bit serial word
input MSB first.
SDO: Serial data output. High impedance when STRn is high.
Outputs bit 15 of the Status register, the fault flag, as soon as
STRn goes low.
SCK: Serial clock logic input with pull-down. Data is latched
in from SDI on the rising edge of SCK. There must be 16-rising
edges per write and SCK must be held high when STRn changes.
STRn: Serial data strobe and serial access enable logic input
with pull-up. When STRn is high, any activity on SCK or SDI
is ignored and SDO is high impedance, allowing multiple SDI
slaves to have common SDI, SCK, and SDO connections.
CS1P, CS1M, CS2P, CS2M, CS3P, CS3M: Current sense ampli-
fier inputs.
CS1O, CS2O, CS3O: Current sense amplifier outputs.
DIAG: Diagnostic output. Programmable output to provide one
of four functions: fault flag, pulsed fault flag, temperature, or
internal timer. Default is fault flag.
OOR: Power supply for current sense amplifier output stages.
Voltage applied to this pin,VOOR, internally divided by a factor of
two to generate the current sense amplifier output offset voltage,
VOOS.
ENABLE: Disables all gate drive outputs when pulled low.
Provides an independent output disable, directly to the gate drive
outputs, to allow a fast disconnect on the power bridge. Battery
voltage compliant terminal.
VCP: Pumped gate drive voltage referenced to the VBB terminal.
Can be used to bias external circuitry in accordance with the VCP
voltage specification in the Electrical Characteristics table. Con-
nect a ceramic capacitor, CVCP, of nominal value 2.2 µF between
VCP and VBB. This device should have a rated working voltage
of at least 25 V and a tolerance of ±20% or better.
VIO: Logic I/O and core logic supply input. Sets logic input
thresholds and powers all digital functions including the SPI
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com