Electronic Components Datasheet Search
  English  ▼

X  

MIR503 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIR503
Description  2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIR503 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIR503 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIR503 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIR503 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIR503 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIR503 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIR503 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Positive
Regulator
Negative
Regulator
LC
Filter
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Low
Dropout
Regulator
LC
Filter
Block Diagram
Low Noise
EN55022
EMI
I/O Isolation
6000
VDC
Low Cost
$
Minmax's MIR500 2W DC/DC's are specially designed to
provide ultra-high levels of isolation 6000VDC in a
low-profile DIP package.
The series consists of 18 models with input voltages of
5V, 12V and 24VDC which offers regulated output voltages of
5V, 12V, 15VDC in both single and dual output configurations.
The MIR500 series is an excellent selection for a variety
of applications including mixed analog/digital subsystems,
railroad/transportation equipments, medical equipment
subsystems, process/machine control equipments and
automatic test instrumentation.
Complies with EN55022 Class A
Low Leakage Current
Low Isolation Capacitance
Regulated Outputs
Output 5, 12, 15, {5, {12 and {15VDC
Input 5, 12 and 24VDC
Short Circuit Protection
MTBF > 600,000 Hours
6000VDC Isolation
Low Cost
Key Features
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIR500 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MIR503

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIR503 TOTAL-POWER-MIR503 Datasheet
433Kb / 6P
2 Watts High In/Out Isolation DIP DC/DC Converters Single and Dual Outputs
More results

Similar Description - MIR503

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S200R MINMAX-S200R Datasheet
233Kb / 6P
2W, Low Cost DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100HI MPD-A100HI Datasheet
202Kb / 2P
Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
A200RI MPD-A200RI Datasheet
80Kb / 2P
High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
High Isolation, 2W SIP Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com