Electronic Components Datasheet Search
  English  ▼

X  

MIW4100 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIW4100
Description  5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW4100 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW4100 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW4100 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW4100 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW4100 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW4100 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW4100 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW4100 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dual Output
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
4:1
EN55022
EMI
I/O Isolation
1500
VDC
More Power
High
Power
Density
Low Cost
$
Minmax's MIW4100-Series power modules operate over input
voltage ranges of 9-36VDC and 18-75VDC which provide precisely
regulated output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and
{15VDC.
The -40] to +71] operating temperature range makes it ideal
for data communication equipments, mobile battery driven
equipments, distributed power systems, telecommunication
equipments, mixed analog/digital subsystems, process/machine
control equipments, computer peripheral systems and industrial robot
systems.
The modules have a maximum power rating of 6W and a typical
full-load efficiency of 83%, continuous short circuit, EN55022 Class
A conducted noise compliance minimize design-in time, cost and
eliminate the need for external filtering.
Internal SMD Construction
UL 94V-0 Package Material
Industry Standard Pinout
Temperature Performance -40] to +71]
Complies with EN55022 Class A
Low Cost
4:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 83%
Key Features
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MIW4100

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW4100 MINMAX-MIW4100_11 Datasheet
282Kb / 4P
DC/DC CONVERTER 5-6W, DIP-24 Metal Package
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100_17 Datasheet
403Kb / 4P
DIP-24 Metal Package
More results

Similar Description - MIW4100

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com