Electronic Components Datasheet Search
  English  ▼

X  

108 Datasheet(PDF) 1 Page - Alpha Wire

Part # 108
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

108 Datasheet(HTML) 1 Page - Alpha Wire

  108 Datasheet HTML 1Page - Alpha Wire 108 Datasheet HTML 2Page - Alpha Wire 108 Datasheet HTML 3Page - Alpha Wire 108 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 108
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
4 X 1 COND
a) Conductor
18 (41/34) AWG Bare Copper
0.043
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.063
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
BROWN
3
BLUE
2
WHITE
4
BLACK
2) Cable Assembly
4 Components Cabled
a) Twists:
5.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Jacket
0.037" Wall, Nom.,TPE
0.232+/- 0.010
a) Color(s)
YELLOW
b) Jacket Separator
Tissue Tape, 25% Overlap, Min.
c) Print
1) UL
a) Component 1
AWM/STYLE 10002
105°C / 300 VRMS
b) Overall
PLTC
105°C
AWM/STYLE 20327
105°C / 300 VRMS
2) CSA International
C(RU) AWM I/II A/B FT4
105°C / 300 VRMS
3) CE:
EU Low Voltage Directive 2014/35/EC


Similar Part No. - 108

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
108 RIEDON-108 Datasheet
359Kb / 2P
Precision Wirewound Resistors
108 RIEDON-108 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Alpha Wire
108 ALPHAWIRE-108 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
logo
Campbell Scientific Uni...
108 CAMPBELL-108 Datasheet
294Kb / 1P
Temperature Probe
06/26/2020
logo
Abbatron All Rights Res...
108 ABBATRON-108 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 108

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
4512911 ALPHAWIRE-4512911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com