Electronic Components Datasheet Search
  English  ▼

X  

AP43671 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP43671
Description  Highly Integrated, Cost-Effective, USB PD3.0 Charger Solution for Portable and Consumer Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43671 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP43671 Datasheet HTML 1Page - Diodes Incorporated AP43671 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
July 2022
Part
Number
VCC MAX
(V)
Operating
Current
(μA)
Deep Sleep
Current
(µA)
Protocol
Compatible
UVLO
Voltage
(V)
Package
AP43671
24
4500
750
USB PD3.0 PPS/QC4/4+
2.7
W-QFN4040-20
Orderable Part Number
Package
Moisture
Sensitivity
Packing
Qty.
Carrier
AP43671ZDZ20-13
W-QFN4040-20/SWP (Type A1)
MSL-
3000
13” Tape and Reel
AP3304AW6-7
SOT26
MSL-1
3000
7” Tape and Reel
Typical Application
QR/CCM PWM Controller
Part
Number
HV
Start-Up
Circuit
Startup
Current
(µA)
UVLO
Threshold
on/off
(V)
Gate
Output
Current
(mA)
Maximum
Frequency
(kHz)
Package
AP3304A
No
1
15.8/6.5
+300/-800
80 (CCM mode)
SOT26
PD Decoder
Ordering Information
AP3304A
AP43671



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com