Electronic Components Datasheet Search
  English  ▼

X  

AP63205Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP63205Q
Description  32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63205Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP63205Q Datasheet HTML 1Page - Diodes Incorporated AP63205Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The Diodes Advantage
The AP6320xQ/AP6330xQ provide high-efficiency
DC-DC conversion for automotive POL applications.
The automotive-compliant* AP6320xQ
and AP6330xQ are 2A and 3A
respectively, synchronous buck
converters with a wide input voltage
range of 3.8V to 32V, and are AEC-
Q100 Grade 1 qualified.
The AP6320xQ and AP6330xQ
integrate low resistance high- and low-
side power MOSFETs to provide high-
efficiency step-down DC-DC
conversion.
The devices minimize external
component count due to their adoption
of peak current mode control and an
integrated loop compensation network.
This low component count provides
ease of design.
They have been optimized for
electromagnetic interference (EMI)
reduction, which includes a proprietary
gate driver scheme that resists
switching node ringing without
sacrificing MOSFET turn-on and turn-
off times.
The AP63200Q, AP63203Q,
AP63205Q, and AP63300Q also
feature frequency spread spectrum
(FSS) which further reduces EMI by
preventing emitted energy from staying
in any one frequency for a significant
period of time.
The devices are available in a low-
profile TSOT26 package.
32V, Low I
Q, 2A and 3A Synchronous Buck Converters in
TSOT26 for Automotive Point-of-Load Applications
AP6320xQ
AP6330xQ
VIN of 3.8V to 32V withstands 40V, 400ms Input Surges
Works across the standard automotive voltage range
Wide Output Voltage Range: 0.8V to Near 100% of VIN
Duty cycle extends to 100% supporting LDO-like functionality
AP63200Q/03Q/05Q and AP63300Q with PFM-Mode at
Light-Loads with Low
22μA Quiescent Current
Supports standby operation in permanently-on systems with
high light-load efficiency
Designed for Best-in-Class EMI Performance
Ringing-resistant SW node at 4ns rise time;
frequency spread spectrum
(AP63200Q/AP63203Q/AP63205Q/ AP63300Q)
Simple PCB Layout Design Supports Single-Layer PCBs
Minimal number of external components;
short current loops on PCB further ease EMI issues
Automotive Applications
Power systems
Infotainment devices
Instrument clusters
Lighting ECUs
Telematics
Body control electronics
Advanced Driver
Assistance Systems (ADAS)
February 2022
Automotive compliant
– AEC-Q100 grade 1
qualified in IATF 16949 certified manufacturing
sites and supports PPAP documentation
The DIODES logo is a registered trademark of
Diodes Incorporated in the United States and
other countries


Similar Part No. - AP63205Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63205Q DIODES-AP63205Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP63205QWU-7 DIODES-AP63205QWU-7 Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
More results

Similar Description - AP63205Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805ZPBF IRF-IRF7805ZPBF Datasheet
270Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7821TR IRF-IRF7821TR Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7805ZGTRPBF IRF-IRF7805ZGTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP64060Q DIODES-AP64060Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64100Q DIODES-AP64100Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com