Electronic Components Datasheet Search
  English  ▼

X  

CC400-RTR2 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 22Page - Texas Instruments CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments CC400-RTR2 Datasheet HTML 26Page - Texas Instruments CC400-RTR2 Datasheet HTML 27Page - Texas Instruments CC400-RTR2 Datasheet HTML 28Page - Texas Instruments CC400-RTR2 Datasheet HTML 29Page - Texas Instruments CC400-RTR2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
CC400
SWRS050
Page 26 of 32
Register G
REGISTER
NAME
Default
value
Active
Description
G[12:11]
IFQ[1:0]
-
IF filter Q-value
00 = low
01 =
10 =
11 = high
G[10:9]
IFG[1:0]
-
IF amplifer gain
00 = lowest
01 =
10 =
11 = highest
G[8:6]
LPIF[2:0]
-
IF filter low-pass cut-off
000 = lowest
001 =
010 =
011 =
100 =
101 =
110 =
111 = highest
G[5:3]
HPIF[2:0]
-
IF filter high-pass cut-off
000 = lowest
001 =
010 =
011 =
100 =
101 =
110 =
111 = highest
G[2:0]
MIF[2:0]
-
IF mode control, external filter selection
000 = Differential input, 1. Ceramic filter
001 = Single-ended input 1. ceramic filter
010 = Differential input, 1. and 2. ceramic filter
(NA)
011 = Single-ended input, 1. and 2. ceramic filter
(NA)
100 = Differential input, no ceramic filters filters
101 = Single-ended input, no ceramic filters
110 = NA
111 = Single-ended input, 1. Ceramic filter
Register H
REGISTER
NAME
Default
value
Active
Description
H[12:10]
LPDEM[2:0]
-
Demodulator data filter cut-off (low pass)
000 = 5.8kHz
001 = 9.3kHz
010 = 13.9kHz
011 = 19.9kHz
100 = 28.0kHz
101 = 36.2kHz
110 = 64.8kHz
111 = 134.2kHz
H[9]
FASTACIDF
0
Demodulator datafilter AC coupling time constant
(Precharge)
0 = Normal/high time constant
1 = Low time constant (precharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com