Electronic Components Datasheet Search
  English  ▼

X  

INA190 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA190
Description  INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA190 Datasheet(HTML) 3 Page - Texas Instruments

  INA190 Datasheet HTML 1Page - Texas Instruments INA190 Datasheet HTML 2Page - Texas Instruments INA190 Datasheet HTML 3Page - Texas Instruments INA190 Datasheet HTML 4Page - Texas Instruments INA190 Datasheet HTML 5Page - Texas Instruments INA190 Datasheet HTML 6Page - Texas Instruments INA190 Datasheet HTML 7Page - Texas Instruments INA190 Datasheet HTML 8Page - Texas Instruments INA190 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
1
VS
8
IN±
2
ENABLE
7
IN+
3
REF
6
NC
4
GND
5
OUT
Not to scale
Figure 5-1. DDF Package 8-Pin Thin SOT-23 (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ENABLE
2
Digital input
Enable pin. When this pin is driven to VS, the device is on and functions as a
current-sense amplifier. When this pin is driven to GND, the device is off, the
supply current is reduced, and the output is placed in a high-impedance state. This
pin must be driven externally, or connected to VS if not used.
GND
4
Analog
Ground
IN–
8
Analog input
Current-sense amplifier negative input. For high-side applications, connect the to
load side of the sense resistor. For low-side applications, connect to the ground
side of the sense resistor.
IN+
7
Analog input
Current-sense amplifier positive input. For high-side applications, connect to the
bus voltage side of the sense resistor. For low-side applications, connect to the
load side of the sense resistor.
NC
6
—
Not internally connected. Either float these pins or connect to any voltage between
GND and VS.
OUT
5
Analog output
OUT pin. This pin provides an analog voltage output that is the gained-up voltage
difference from the IN+ to the IN– pins, and is offset by the voltage applied to the
REF pin.
REF
3
Analog input
Reference input. Enables bidirectional current sensing with an externally applied
voltage.
VS
1
Analog
Power supply, 1.7 V to 5.5 V
www.ti.com
INA190-EP
SBOSA74 – MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA190-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com