Electronic Components Datasheet Search
  English  ▼

X  

CC400 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC400
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC400 Datasheet HTML 3Page - Texas Instruments CC400 Datasheet HTML 4Page - Texas Instruments CC400 Datasheet HTML 5Page - Texas Instruments CC400 Datasheet HTML 6Page - Texas Instruments CC400 Datasheet HTML 7Page - Texas Instruments CC400 Datasheet HTML 8Page - Texas Instruments CC400 Datasheet HTML 9Page - Texas Instruments CC400 Datasheet HTML 10Page - Texas Instruments CC400 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CC400
SWRS050
Page 7 of 32
8.
Frequency Synthesiser Section
Tc = 25°C @ VDD = 3.0 V if nothing else is stated. Measured on Chipcon’s
CC400DB
reference design.
Parameter
Min.
Typ.
Max.
Unit
Condition
Crystal Oscillator Frequency
4
12
13
MHz
Crystal frequency accuracy
requirement
+/- 50
ppm
The crystal frequency accuracy
and drift (ageing and temperature
dependency) will determine the
frequency accuracy of the
transmitted signal.
Crystal operation
Parallel
C151 and C161 are loading
capacitors, see page 17.
Crystal load capacitance
20
16
12
pF
pF
pF
4-6 MHz
6-10 MHz
10-13 MHz
Crystal oscillator start-up time
3
6
ms
12 MHz, 12 pF load
Output signal phase noise
-70
-90
-81
-107
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 kHz offset from carrier
100 kHz offset from carrier
Loop filter BW = 16 kHz
10 kHz offset from carrier
100 kHz offset from carrier
Loop filter BW = 3 kHz
RX / TX turn time
100
µs
PLL turn-on time, crystal oscillator
off in power down mode
4
ms
PLL turn-on time, crystal oscillator
on in power down mode
2
ms
It is recommended to wait at least
8 ms (6 ms crystal oscillator start-
up time and 2 ms PLL turn-on
time) before checking the PLL
Lock Indicator at the LOCK pin.
Please refer to chapter “PLL Lock
Indicator” on page 16 for a further
description.
Table 8: Frequency Synthesiser Section
9.
DC Characteristics
The DC Characteristics of
CC400 are listed in Table 10 below. Tc = 25°C if nothing else
stated.
Parameter
Min.
Typ.
Max.
Unit
Condition
Logic "0" input voltage
0
0.3*VDD
V
Logic "1" input voltage
0.7*VDD
VDD
V
Logic "0" output voltage
0
0.4
V
Output current -2.5 mA,
3.0 V supply voltage
Logic "1" output voltage
2.5
VDD
V
Output current 2.5 mA,
3.0 V supply voltage
Logic "0" input current
NA
-1
µA
Input signal equals GND
Logic "1" input current
NA
1
µA
Input signal equals VDD
Table 9: DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com