Electronic Components Datasheet Search
  English  ▼

X  

OPA205 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA205
Description  OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA205 Datasheet(HTML) 2 Page - Texas Instruments

  OPA205 Datasheet HTML 1Page - Texas Instruments OPA205 Datasheet HTML 2Page - Texas Instruments OPA205 Datasheet HTML 3Page - Texas Instruments OPA205 Datasheet HTML 4Page - Texas Instruments OPA205 Datasheet HTML 5Page - Texas Instruments OPA205 Datasheet HTML 6Page - Texas Instruments OPA205 Datasheet HTML 7Page - Texas Instruments OPA205 Datasheet HTML 8Page - Texas Instruments OPA205 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information: OPA205.................................... 5
6.5 Thermal Information: OPA2205.................................. 5
6.6 Electrical Characteristics: VS = ±5 V...........................6
6.7 Electrical Characteristics: VS = ±15 V.........................8
6.8 Typical Characteristics.............................................. 10
7 Parameter Measurement Information.......................... 19
7.1 Typical Specifications and Distributions....................19
8 Detailed Description......................................................20
8.1 Overview................................................................... 20
8.2 Functional Block Diagram......................................... 20
8.3 Feature Description...................................................21
8.4 Device Functional Modes..........................................22
9 Application and Implementation.................................. 23
9.1 Application Information............................................. 23
9.2 Typical Applications.................................................. 23
9.3 Power Supply Recommendations.............................26
9.4 Layout....................................................................... 26
10 Device and Documentation Support..........................28
10.1 Device Support....................................................... 28
10.2 Documentation Support.......................................... 28
10.3 Receiving Notification of Documentation Updates..28
10.4 Support Resources................................................. 28
10.5 Trademarks.............................................................28
10.6 Electrostatic Discharge Caution..............................28
10.7 Glossary..................................................................28
11 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2021) to Revision C (July 2022)
Page
• Added OPA205 in D (SOIC) package as advanced information (preview).........................................................1
Changes from Revision A (May 2021) to Revision B (August 2021)
Page
• Changed Figure 6-22, Voltage Noise Density vs Frequency, to show voltage noise density instead of current
noise density.....................................................................................................................................................10
Changes from Revision * (April 2020) to Revision A (May 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Changed OPA2205 from advanced information (preview) to production data (active).......................................1
• Changed both Electrical Characteristics tables to show differentiated performance between OPA2205 (high
grade) and OPA2205A (standard grade)............................................................................................................ 6
OPA205, OPA2205
SBOS962C – APRIL 2020 – REVISED JULY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA205 OPA2205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com