Electronic Components Datasheet Search
  English  ▼

X  

POPA2186DDFT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # POPA2186DDFT
Description  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT Datasheet(HTML) 14 Page - Texas Instruments

Back Button POPA2186DDFT Datasheet HTML 10Page - Texas Instruments POPA2186DDFT Datasheet HTML 11Page - Texas Instruments POPA2186DDFT Datasheet HTML 12Page - Texas Instruments POPA2186DDFT Datasheet HTML 13Page - Texas Instruments POPA2186DDFT Datasheet HTML 14Page - Texas Instruments POPA2186DDFT Datasheet HTML 15Page - Texas Instruments POPA2186DDFT Datasheet HTML 16Page - Texas Instruments POPA2186DDFT Datasheet HTML 17Page - Texas Instruments POPA2186DDFT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
8.2 Typical Applications
8.2.1 High-Side Current Sensing
+
–
+ 24 V –
VO
+
24 V
–
RL
R1
R2
R3
R4
OPA2186
IL
Load Current
R1 = R3, R2 = R4
Figure 8-2. High-Side Current Monitor
8.2.1.1 Design Requirements
A common systems requirement is to monitor the current being delivered to a load. Monitoring makes sure that
normal current levels are being maintained, and also provides an alert if an overcurrent condition occurs.
Fortunately, a relatively simple current monitor solution can be achieved using a precision rail-to-rail input/output
op amp such as the OPA2186. This device has an input common-mode voltage (VCM) range that extends
200 mV beyond each power supply rail allowing for operation at the supply rail.
The OPA2186 is configured as a difference amplifier with a predetermined gain. The difference amplifier inputs
are connected across a sense resistor through which the load current flows. The sense resistor may be
connected to the high side or low side of the circuit through which the load current flows. Commonly, high-side
current sensing is applied. Figure 8-2 shows an applicable OPA2186 configuration. Low-side current sensing
may be applied as well if the sense resistor can be placed between the load and ground.
Use the following parameters for this design example:
• Single supply: 24 V
• Linear output voltage range: 0.3 V to 3.3 V
• Iload: 1 A to 11 A
The design details and equations below can be used to reconfigure this design for different output voltage
ranges and current loads.
OPA2186
SBOS968 – JUNE 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com